Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSI45025AZ Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSI45025AZ
Description  Constant Current Regulator & LED Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSI45025AZ Datasheet(HTML) 2 Page - ON Semiconductor

  NSI45025AZ Datasheet HTML 1Page - ON Semiconductor NSI45025AZ Datasheet HTML 2Page - ON Semiconductor NSI45025AZ Datasheet HTML 3Page - ON Semiconductor NSI45025AZ Datasheet HTML 4Page - ON Semiconductor NSI45025AZ Datasheet HTML 5Page - ON Semiconductor NSI45025AZ Datasheet HTML 6Page - ON Semiconductor NSI45025AZ Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NSI45025AZ, NSV45025AZ
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Steady State Current @ Vak = 7.5 V (Note 1)
Ireg(SS)
22.5
25
27.5
mA
Voltage Overhead (Note 2)
Voverhead
1.8
V
Pulse Current @ Vak = 7.5 V (Note 3)
Ireg(P)
23.4
26
28.65
mA
Capacitance @ Vak = 7.5 V (Note 4)
C
2.6
pF
Capacitance @ Vak = 0 V (Note 4)
C
6.9
pF
1. Ireg(SS) steady state is the voltage (Vak) applied for a time duration ≥ 10 sec, using FR−4 @ 300 mm2 2 oz. Copper traces, in still air.
2. Voverhead = Vin − VLEDs. Voverhead is typical value for 75% Ireg(SS).
3. Ireg(P) non−repetitive pulse test. Pulse width t ≤ 300 msec.
4. f = 1 MHz, 0.02 V RMS.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation (Note 5) TA = 25°C
Derate above 25°C
PD
954
7.6
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 5)
RθJA
131
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 5)
JL4
40.8
°C/W
Total Device Dissipation (Note 6) TA = 25°C
Derate above 25°C
PD
1074
8.6
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 6)
RθJA
116
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 6)
JL4
39.9
°C/W
Total Device Dissipation (Note 7) TA = 25°C
Derate above 25°C
PD
1150
9.2
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 7)
RθJA
109
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 7)
JL4
42
°C/W
Total Device Dissipation (Note 8) TA = 25°C
Derate above 25°C
PD
1300
10.4
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 8)
RθJA
96
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 8)
JL4
39.4
°C/W
Total Device Dissipation (Note 9) TA = 25°C
Derate above 25°C
PD
1214
9.7
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 9)
RθJA
103
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 9)
JL4
40.2
°C/W
Total Device Dissipation (Note 10) TA = 25°C
Derate above 25°C
PD
1389
11.1
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 10)
RθJA
90
°C/W
Thermal Reference, Junction−to−Lead 4 (Note 10)
JL4
37.7
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
5. FR−4 @ 100 mm2, 1 oz. copper traces, still air.
6. FR−4 @ 100 mm2, 2 oz. copper traces, still air.
7. FR−4 @ 300 mm2, 1 oz. copper traces, still air.
8. FR−4 @ 300 mm2, 2 oz. copper traces, still air.
9. FR−4 @ 500 mm2, 1 oz. copper traces, still air.
10.FR−4 @ 500 mm2, 2 oz. copper traces, still air.
NOTE: Lead measurements are made by non−contact methods such as IR with treated surface to increase emissivity to 0.9.
Lead temperature measurement by attaching a T/C may yield values as high as 30% higher °C/W values based upon empirical
measurements and method of attachment.


Similar Part No. - NSI45025AZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45025AZT1G ONSEMI-NSI45025AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver 45 V, 25 mA  10%, 1.4 W Package
September, 2009 ??Rev. 1
More results

Similar Description - NSI45025AZ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45030AT1G ONSEMI-NSI45030AT1G Datasheet
147Kb / 6P
   Constant Current Regulator & LED Driver
November, 2009 ??Rev. 3
NSI45030AT1G ONSEMI-NSI45030AT1G_11 Datasheet
172Kb / 7P
   Constant Current Regulator & LED Driver
September, 2011 ??Rev. 4
NSI45030A ONSEMI-NSI45030A Datasheet
133Kb / 8P
   Constant Current Regulator & LED Driver
October, 2017 ??Rev. 5
NSI45030AZT1G ONSEMI-NSI45030AZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45015W ONSEMI-NSI45015W_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 2
NSI45025T1G ONSEMI-NSI45025T1G_14 Datasheet
159Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 5
NSI50350AD ONSEMI-NSI50350AD_14 Datasheet
155Kb / 8P
   Constant Current Regulator & LED Driver
June, 2014 ??Rev. 4
NSI45025ZT1G ONSEMI-NSI45025ZT1G_11 Datasheet
170Kb / 7P
   Constant Current Regulator & LED Driver
October, 2011 ??Rev. 2
NSI45030AZT1G ONSEMI-NSI45030AZT1G Datasheet
143Kb / 6P
   Constant Current Regulator & LED Driver
September, 2009 ??Rev. 1
NSIC2050JBT3G ONSEMI-NSIC2050JBT3G Datasheet
171Kb / 8P
   Constant Current Regulator & LED Driver
April, 2014 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com