Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V20120S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V20120S
Description  High-Voltage Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V20120S Datasheet(HTML) 4 Page - Vishay Siliconix

  V20120S_15 Datasheet HTML 1Page - Vishay Siliconix V20120S_15 Datasheet HTML 2Page - Vishay Siliconix V20120S_15 Datasheet HTML 3Page - Vishay Siliconix V20120S_15 Datasheet HTML 4Page - Vishay Siliconix V20120S_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V20120S, VI20120S
www.vishay.com
Vishay General Semiconductor
Revision: 25-Oct-13
4
Document Number: 89243
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.370 (9.40)
0.360 (9.14)
0.415 (10.54) MAX.
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.105 (2.67)
0.095 (2.41)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.154 (3.91)
0.148 (3.74)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.145 (3.68)
0.135 (3.43)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
TO-262AA
0.401 (10.19)
0.381 (9.68)
0.185 (4.70)
0.175 (4.44)
0.055 (1.40)
0.045 (1.14)
0.110 (2.79)
0.100 (2.54)
0.350 (8.89)
0.330 (8.38)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.35)
K
12
3
0.055 (1.40)
0.047 (1.19)
0.510 (12.95)
0.470 (11.94)
PIN
0.411 (10.45) MAX.
0.250 (6.35) MIN.
30° (TYP.)
(REF.)
0.035 (0.90)
0.028 (0.70)
0.205 (5.20)
0.195 (4.95)
0.104 (2.65)
0.096 (2.45)
0.057 (1.45)
0.045 (1.14)
0.160 (4.06)
0.140 (3.56)
0.950 (24.13)
0.920 (23.37)


Similar Part No. - V20120S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20120S VISHAY-V20120S_11 Datasheet
129Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120S VISHAY-V20120S_12 Datasheet
162Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
More results

Similar Description - V20120S_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M2035S VISHAY-M2035S Datasheet
123Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
24-Jul-06
V20150S VISHAY-V20150S_15 Datasheet
152Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 13-Aug-13
V30100S-E3 VISHAY-V30100S-E3 Datasheet
156Kb / 6P
   High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 14-Dec-16
V10150S VISHAY-V10150S_12 Datasheet
168Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20100S VISHAY-V20100S_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150SG VISHAY-V20150SG_12 Datasheet
163Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30100S VISHAY-V30100S_13 Datasheet
149Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Oct-09
V30120S VISHAY-V30120S_11 Datasheet
130Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V20120SG VISHAY-V20120SG_09 Datasheet
160Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V20150S VISHAY-V20150S_11 Datasheet
131Kb / 5P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VF10150S VISHAY-VF10150S_10 Datasheet
79Kb / 4P
   High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Nov-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com