Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP-3082N-DT Datasheet(PDF) 5 Page - ON Semiconductor

Part # TCP-3082N-DT
Description  8.2 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3082N-DT Datasheet(HTML) 5 Page - ON Semiconductor

  TCP-3082N-DT Datasheet HTML 1Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 2Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 3Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 4Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 5Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 6Page - ON Semiconductor TCP-3082N-DT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TCP−3082N
http://onsemi.com
5
PART NUMBER DEFINITION
Example: TCP−3082N−DT
TCP
-
30
82
N
-
D
T
-
-
Product
Family
TCP
Capacitor
Value
Process
Generation
Process Status
“blank” =
Production
X = Pilot
Production
S =
Special/Custom
P = Prototype
Package /
Format
D = WLCSP
Q = QFN
Packing
Tuning
N = Normal
H = High
10 = Gen 1.0
30 = Gen 3.0
27 = 2.7 pF
33 = 3.3 pF
39 = 3.9 pF
47 = 4.7 pF
56 = 5.6 pF
68 = 6.8 pF
82 = 8.2 pF
T = T&R
Table 3. PART NUMBERS
Part Number
Capacitance
Package
2 V
20 V
TCP-3082N-DT
8.20
2.34
12-Pillar WLCSP
TCP-3082N-QT
8.20
2.34
6-Pin QFN


Similar Part No. - TCP-3082N-DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3082H ONSEMI-TCP-3082H Datasheet
351Kb / 9P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
More results

Similar Description - TCP-3082N-DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3182H ONSEMI-TCP-3182H Datasheet
214Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-4182UB ONSEMI-TCP-4182UB Datasheet
236Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-3082H ONSEMI-TCP-3082H Datasheet
351Kb / 9P
   8.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com