Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCP-3068N-QT Datasheet(PDF) 1 Page - ON Semiconductor

Part # TCP-3068N-QT
Description  6.8 pF Passive Tunable Integrated Circuits
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

TCP-3068N-QT Datasheet(HTML) 1 Page - ON Semiconductor

  TCP-3068N-QT Datasheet HTML 1Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 2Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 3Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 4Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 5Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 6Page - ON Semiconductor TCP-3068N-QT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2014
October, 2014 − Rev. 0
1
Publication Order Number:
TCP−3068N/D
TCP-3068N
6.8 pF Passive Tunable
Integrated Circuits (PTIC)
Introduction
ON Semiconductor’s PTICs have excellent RF performance and
power consumption, making them suitable for any mobile handset or
radio application. The fundamental building block of our PTIC
product line is a tunable material called ParaScan
t, based on Barium
Strontium Titanate (BST). PTICs have the ability to change their
capacitance from a supplied bias voltage generated by the Control IC.
The 6.8 pF PTICs are available as wafer-level chip scale packages
(WLCSP) and in QFN packages for easy mounting directly on printed
circuit boards.
Key Features
High Tuning Range and Operation up to 20 V
Usable Frequency Range: from 700 MHz to 2.4 GHz
High Quality Factor (Q) for Low Loss
High Power Handling Capability
Compatible with PTIC Control IC TCC-103
WLCSP Package: 0.722 x 1.179 x 0.611 mm (12 pillar)
QFN Package: 1.200 x 1.600 x 0.950 mm
QFN: MSL−2 Moisture Sensitivity Level (per J−STD−020)
These devices are Pb−Free and RoHS Compliant
Typical Applications
Multi-band, Multi-standard, Advanced and Simple Mobile Phones
Tunable Antenna Matching Networks
Tunable RF Filters
Active Antennas
http://onsemi.com
FUNCTIONAL BLOCK DIAGRAM
MARKING DIAGRAM
X.X = 6.8
N
= Normal Tuning
PTIC
Bias
RF1
RF2
X.XN
QFN6
1.6x1.2
CASE 485DX
PTIC Functional Block Diagram
Device
Package
Shipping
ORDERING INFORMATION
TCP−3068N−DT
WLCSP12
(Pb−Free)
4000 Units /
7” Reel
TCP−3068N−QT
QFN6
(Pb−Free)
8000 Units /
13“ Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
WLCSP12
1.18x0.72
CASE 567KE


Similar Part No. - TCP-3068N-QT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3068H ONSEMI-TCP-3068H Datasheet
353Kb / 9P
   6.8 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
More results

Similar Description - TCP-3068N-QT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3168H ONSEMI-TCP-3168H Datasheet
216Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-4168UB ONSEMI-TCP-4168UB Datasheet
238Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-5068UB-D ONSEMI-TCP-5068UB-D Datasheet
229Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5068UB ONSEMI-TCP-5068UB Datasheet
229Kb / 7P
   6.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-3068H ONSEMI-TCP-3068H Datasheet
353Kb / 9P
   6.8 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
   2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
   3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
   3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com