Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOIL1SN3000A Datasheet(PDF) 9 Page - ON Semiconductor

Part # NOIL1SN3000A
Description  MegaPixel High Speed CMOS Sensor
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOIL1SN3000A Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NOIL1SN3000A Datasheet HTML 5Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 6Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 7Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 8Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 9Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 10Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 11Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 12Page - ON Semiconductor NOIL1SN3000A Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
NOIL1SN3000A
http://onsemi.com
9
Figure 7. Column Multiplexing Scheme
6T Pixel Architecture
The pixel architecture shown in Figure 8 features the
global shutter combined with a high sensitivity and good
parasitic light sensitivity (PLS). This pixel architecture is
designed in an 8
mm x 8 mm pixel pitch and designed with a
large fill factor to meet the electro-optical specifications as
shown in Table 2 on page 3.
Figure 8. Pixel Schematic
reset
sample
Vmem
2.5 - 3.3V
precharge
Row sel.
Figure 9 displays the electro-optical response of the
LUPA3000 6T pixels at VDD = 2.5 V.
Figure 9. Electro−optical Response of LUPA3000 Pixel
Analog Front End
Programmable Gain Amplifiers(PGA)
LUPA3000 includes analog PGA (before each of the 64
ADCs) to maximize sensor array signal levels to the ADC
dynamic range. Six gain settings are available through the
SPI register interface to allow 1x, 1.5x, 2x, 2.25x, 3x, or 4x
gain.
The entire AFE signal processing and ADC concept for
the LUPA3000 chip is shown in Figure 10.
The analog signal processing frontend circuits provide
programmable gain level. They also convert the single
ended pixel voltage from each column (as referenced to the
user programmable black or dark reference level) to a
unipolar differential signal for the PGA stages. This is
followed by a conversion to a bipolar differential signal to
maximize the ADC dynamic range and noise immunity.


Similar Part No. - NOIL1SN3000A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SN3000A ONSEMI-NOIL1SN3000A Datasheet
925Kb / 57P
   3 MegaPixel High Speed CMOS Sensor
December, 2016 ??Rev. 10
NOIL1SN3000A-GDC ONSEMI-NOIL1SN3000A-GDC Datasheet
925Kb / 57P
   3 MegaPixel High Speed CMOS Sensor
December, 2016 ??Rev. 10
NOIL1SN3000A ONSEMI-NOIL1SN3000A_16 Datasheet
925Kb / 57P
   3 MegaPixel High Speed CMOS Sensor
December, 2016 ??Rev. 10
More results

Similar Description - NOIL1SN3000A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIL1SN3000A ONSEMI-NOIL1SN3000A_16 Datasheet
925Kb / 57P
   3 MegaPixel High Speed CMOS Sensor
December, 2016 ??Rev. 10
NOIL1SM4000A ONSEMI-NOIL1SM4000A Datasheet
514Kb / 30P
   LUPA4000: 4 MegaPixel High Speed CMOS Sensor
February, 2013 ??Rev. 9
logo
Cypress Semiconductor
CYIWOSC1300AA CYPRESS-CYIWOSC1300AA Datasheet
345Kb / 31P
   1.3 Megapixel CMOS Sensor
CYIWOSC3000AA CYPRESS-CYIWOSC3000AA Datasheet
2Mb / 37P
   3.1 Megapixel CMOS Sensor
CYII4SC014KAA-GTC CYPRESS-CYII4SC014KAA-GTC_09 Datasheet
796Kb / 27P
   Megapixel CMOS Image Sensor
CYIL1SM4000AA CYPRESS-CYIL1SM4000AA_09 Datasheet
1Mb / 31P
   4 MegaPixel CMOS Image Sensor
IBIS4-14000-M CYPRESS-IBIS4-14000-M Datasheet
800Kb / 30P
   14-Megapixel CMOS Image Sensor
logo
ON Semiconductor
NOII4SM6600A ONSEMI-NOII4SM6600A Datasheet
648Kb / 34P
   6.6 Megapixel CMOS Image Sensor
February, 2013 ??Rev. 14
MT9M001C12STM ONSEMI-MT9M001C12STM Datasheet
637Kb / 29P
   Megapixel CMOS Digital Image Sensor
Rev. M Pub. 5/15 EN
NOII4SM6600A ONSEMI-NOII4SM6600A_16 Datasheet
648Kb / 33P
   6.6 Megapixel CMOS Image Sensor
December, 2016 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com