Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NOA1305 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NOA1305
Description  Ambient Light Sensor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NOA1305 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NOA1305 Datasheet HTML 5Page - ON Semiconductor NOA1305 Datasheet HTML 6Page - ON Semiconductor NOA1305 Datasheet HTML 7Page - ON Semiconductor NOA1305 Datasheet HTML 8Page - ON Semiconductor NOA1305 Datasheet HTML 9Page - ON Semiconductor NOA1305 Datasheet HTML 10Page - ON Semiconductor NOA1305 Datasheet HTML 11Page - ON Semiconductor NOA1305 Datasheet HTML 12Page - ON Semiconductor NOA1305 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
NOA1305
http://onsemi.com
11
equal to the threshold (and provided the INT pin is enabled,
see INT_SELECT register).
Changing the INT_THRESH register value can cause the
INT pin to change immediately if the ALS_DATA to
INT_THRESH comparison changes.
Powering down the device will cause the INT pin to
become inactive.
To program a value into the INT_THRESH register, use
the following write command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x04 for the INT_THRES_LSB register
address
4. Issue the 8−bit LSB value
5. Issue Stop command
6. Issue Start command
7. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
8. Issue 0x05 for the INT_THRES_MSB register
address
9. Issue the 8−bit MSB value
10. Issue Stop command
After a power−down and power−on sequence, wait at least
three integration times for the data to stabilize, before
accessing any ALS_DATA values from NOA1305.
ALS_DATA_LSB and ALS_DATA_MSB Registers
(0x06, 0x07)
The ALS_DATA register holds the ambient light intensity
count from the most recent measurement. The ALS_DATA
register is 16−bits wide and is accessed from the I2C bus as
two 8−bit registers for the least and most significant bits
(LSB and MSB).
To read the ALS_DATA register, use the following read
command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x06 for the INT_DATA_LSB register
address
4. Issue Start command
5. Issue 0x73 (lower seven bits of I2C slave address
0x39 followed by read−bit 1)
6. Read the ALS_DATA_LSB byte
7. Read the ALS_DATA_MSB byte
8. Issue Stop command
DEVICE_ID_LSB and DEVICE_ID_MSB Registers
(0x08, 0x09)
The DEVICE_ID register is a pre−programmed register
that describes the device. For the NOA1305, the register
holds the decimal value of 1305 (0x0519). The DEVICE_ID
register is 16−bits wide and is accessed from the I2C bus as
two 8−bit registers for the least and most significant bits
(LSB and MSB).
To read the DEVICE_ID register, use the following read
command sequence:
1. Issue Start command
2. Issue 0x72 (lower seven bits of I2C slave address
0x39 followed by write−bit 0)
3. Issue 0x08 for the DEVICE_ID_LSB register
address
4. Issue Start command
5. Issue 0x73 (lower seven bits of I2C slave address
0x39 followed by read−bit 1)
6. Read the DEVICE_ID_LSB byte
7. Read the DEVICE_ID_MSB byte
8. Issue Stop command


Similar Part No. - NOA1305

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
NOA1302DCRG ONSEMI-NOA1302DCRG Datasheet
226Kb / 9P
   Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
More results

Similar Description - NOA1305

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-74980X AMI-AMIS-74980X Datasheet
109Kb / 2P
   Ambient Light Sensor
logo
Vishay Siliconix
TEPT5600 VISHAY-TEPT5600 Datasheet
120Kb / 5P
   Ambient Light Sensor
Rev. 1.3, 28-Nov-06
logo
KODENSHI_AUK CORP.
KOE1615 KODENSHI-KOE1615 Datasheet
205Kb / 3P
   Ambient Light Sensor
logo
Vishay Siliconix
TEMD6010FX01 VISHAY-TEMD6010FX01_12 Datasheet
121Kb / 5P
   Ambient Light Sensor
Rev. 1.8, 20-Aug-12
logo
ON Semiconductor
NOA1212 ONSEMI-NOA1212_17 Datasheet
107Kb / 8P
   Ambient Light Sensor
November, 2017 ??Rev. 4
NOA1213 ONSEMI-NOA1213 Datasheet
103Kb / 8P
   Ambient Light Sensor
November, 2015 ??Rev. P1
logo
Everlight Electronics C...
ALS-PT19-315C-L177-TR8 EVERLIGHT-ALS-PT19-315C-L177-TR8_15 Datasheet
254Kb / 11P
   Ambient Light Sensor
logo
New Japan Radio
NJL7502R NJRC-NJL7502R Datasheet
190Kb / 8P
   Ambient Light Sensor
Ver.2014-12-02
logo
Vishay Siliconix
TEMD6200FX01 VISHAY-TEMD6200FX01_V02 Datasheet
144Kb / 6P
   Ambient Light Sensor
01-Jan-2023
VEMD5510FX01 VISHAY-VEMD5510FX01_V01 Datasheet
184Kb / 6P
   Ambient Light Sensor
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com