Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890200PDR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV890200PDR2G
Description  2 A, 2 MHz Automotive Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890200PDR2G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV890200PDR2G Datasheet HTML 5Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 6Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 7Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 8Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 9Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 10Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 11Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 12Page - ON Semiconductor NCV890200PDR2G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
NCV890200
www.onsemi.com
9
TYPICAL CHARACTERISTICS CURVES
Figure 16. Minimum On Time vs. Junction
Temperature
Figure 17. Minimum Off Time vs. Junction
Temperature
40
45
50
55
60
65
70
75
80
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
Figure 18. Current Limit Threshold vs.
Junction Temperature
35
40
45
50
55
60
65
70
75
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
Figure 19. Short−Circuit Foldback Frequency
vs. Junction Temperature
TJ. JUNCTION TEMPERATURE (°C)
Figure 20. Hiccup Mode Switching Frequency
vs. Junction Temperature
200
250
300
350
400
450
500
550
600
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
Figure 21. DRV Voltage vs. Junction
Temperature
VIN = 4.5 V
VIN = 28 V
24
26
28
30
32
34
36
38
40
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
3.10
3.15
3.20
3.25
3.30
3.35
3.40
3.45
3.50
−50
−25
0
25
50
75
100
125
150
TJ. JUNCTION TEMPERATURE (°C)
IDRV = 0 mA
IDRV = 16 mA
2.00
2.10
2.20
2.30
2.40
2.50
2.60
−50
−25
0
25
50
75
100
125
150
2.70
2.80
2.90


Similar Part No. - NCV890200PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890201MWTXG ONSEMI-NCV890201MWTXG Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203MWTXG ONSEMI-NCV890203MWTXG Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
More results

Similar Description - NCV890200PDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890231 ONSEMI-NCV890231 Datasheet
157Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com