Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV890200 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCV890200
Description  2 A, 2 MHz Automotive Buck Switching Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV890200 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCV890200 Datasheet HTML 7Page - ON Semiconductor NCV890200 Datasheet HTML 8Page - ON Semiconductor NCV890200 Datasheet HTML 9Page - ON Semiconductor NCV890200 Datasheet HTML 10Page - ON Semiconductor NCV890200 Datasheet HTML 11Page - ON Semiconductor NCV890200 Datasheet HTML 12Page - ON Semiconductor NCV890200 Datasheet HTML 13Page - ON Semiconductor NCV890200 Datasheet HTML 14Page - ON Semiconductor NCV890200 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
NCV890200
www.onsemi.com
11
GENERAL INFORMATION
INPUT VOLTAGE
An Undervoltage Lockout (UVLO) circuit monitors the
input, and inhibits switching and resets the Soft−start circuit
if there is insufficient voltage for proper regulation. The
NCV890200 can regulate a 3.3 V output with input voltages
above 4.5 V and a 5.0 V output with an input above 6.5 V.
The NCV890200 withstands input voltages up to 40 V.
To limit the power lost in generating the drive voltage for
the Power Switch, the switching frequency is reduced by a
factor of 2 when the input voltage exceeds the VIN
Frequency Foldback threshold VFLDUP (see Figure 25).
Frequency reduction is automatically terminated when the
input voltage drops back below the VIN Frequency Foldback
threshold VFLDDN.
418
20
36
VIN (V)
1
2
Fsw
(MHz)
Figure 25. NCV890200 Switching Frequency
Reduction at High Input Voltage
ENABLE
The NCV890200 is designed to accept either a logic level
signal or battery voltage as an Enable signal. EN low induces
a ‘sleep mode’ which shuts off the regulator and minimizes
its supply current to a couple of
mA typically (IqSD) by
disabling all functions. Upon enabling, voltage is
established at the DRV pin, followed by a soft−start of the
switching regulator output.
SOFT−START
Upon being enabled or released from a fault condition,
and after the DRV voltage is established, a soft−start circuit
ramps the switching regulator error amplifier reference
voltage to the final value. During soft−start, the average
switching frequency is lower than its normal mode value
(typically 2 MHz) until the output voltage approaches
regulation.
SLOPE COMPENSATION
A fixed slope compensation signal is generated internally
and added to the sensed current to avoid increased output
voltage ripple due to bifurcation of inductor ripple current
at duty cycles above 50%. The fixed amplitude of the slope
compensation signal requires the inductor to be greater than
a minimum value, depending on output voltage, in order to
avoid sub−harmonic oscillations. For 3.3 V and 5 V output
voltages, the recommended inductor value is 4.7
mH.
SHORT CIRCUIT FREQUENCY FOLDBACK
During severe output overloads or short circuits, the
NCV890200 automatically reduces its switching frequency.
This creates duty cycles small enough to limit the peak
current in the power components, while maintaining the
ability to automatically reestablish the output voltage if the
overload is removed. If the current is still too high after the
switching frequency folds back to 500 kHz, the regulator
enters an auto−recovery burst mode that further reduces the
dissipated power.
CURRENT LIMITING
Due to the ripple on the inductor current, the average
output current of a buck converter is lower than the peak
current setpoint of the regulator. Figure 26 shows − for a
4.7
mH inductor − how the variation of inductor peak current
with input voltage affects the maximum DC current the
NCV890200 can deliver to a load.
Figure 26. NCV890200 Load Current Capability
with 4.7
mH Inductor
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
0
5
10
15
20
25
30
35
40
INPUT VOLTAGE (V)
(5 VOUT)
(3.3 VOUT)


Similar Part No. - NCV890200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890201MWTXG ONSEMI-NCV890201MWTXG Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890203 ONSEMI-NCV890203 Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890203MWTXG ONSEMI-NCV890203MWTXG Datasheet
162Kb / 18P
   Automotive Buck Switching Regulator
November, 2014 ??Rev. 0
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
More results

Similar Description - NCV890200

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV890230 ONSEMI-NCV890230 Datasheet
144Kb / 18P
   2 A, 2 MHz Automotive Buck Switching Regulator
October, 2014 ??Rev. 2
NCV890130 ONSEMI-NCV890130 Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890201 ONSEMI-NCV890201 Datasheet
156Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890131 ONSEMI-NCV890131 Datasheet
157Kb / 19P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 3
NCV890204 ONSEMI-NCV890204 Datasheet
214Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
November, 2015 ??Rev. 3
NCV890100 ONSEMI-NCV890100_V01 Datasheet
250Kb / 19P
   Switching Regulator - Automotive Buck 1.2 A, 2 MHz
November, 2021 ??Rev. 4
NCV890130MWTXG ONSEMI-NCV890130MWTXG Datasheet
179Kb / 15P
   1.2 A, 2 MHz Automotive Buck Switching Regulator
February, 2013 ??Rev. 2
NCV890231 ONSEMI-NCV890231 Datasheet
157Kb / 19P
   2.0 A, 2 MHz Automotive Buck Switching Regulator
February, 2015 ??Rev. 2
NCP1597B ONSEMI-NCP1597B_13 Datasheet
349Kb / 13P
   1 MHz, 2 A Synchronous Buck Regulator
April, 2013 ??Rev. 2
NCP1597B ONSEMI-NCP1597B Datasheet
168Kb / 9P
   1 MHz, 2 A Synchronous Buck Regulator
October, 2009 ??Rev. P0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com