Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301410007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301410007
Description  Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301410007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301410007 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301410007
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Super-Safeway® Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
Documents:
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR6837
UL
E174525SP
General
Product Family
Wiring Devices
Series
130141
IP Rating
N/A
NEMA Configuration
Non-NEMA
Overview
Heavy-Duty Industrial Wiring Devices
Product Name
Super-Safeway™
Receptacle Type
N/A
Specialty
N/A
Type
Plug
UPC
78678870180
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
No
Poles
3-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
50.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
250V
Material Info
Old Part Number
1407
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130141 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301410007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410006 MOLEX11-1301410006 Datasheet
35Kb / 1P
   Super-Safeway Plug, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410008 MOLEX11-1301410008 Datasheet
53Kb / 1P
   Super-Safeway Plug, Polarized, 2 Pole/2 Wire, NEMA1-15, 125V
More results

Similar Description - 1301410007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0007 MOLEX11-130141-0007 Datasheet
50Kb / 1P
   Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130144-0051 MOLEX11-130144-0051 Datasheet
58Kb / 1P
   Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301440051 MOLEX11-1301440051 Datasheet
51Kb / 1P
   Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301410024 MOLEX11-1301410024 Datasheet
40Kb / 1P
   Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130141-0024 MOLEX11-130141-0024 Datasheet
48Kb / 1P
   Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130144-0052 MOLEX11-130144-0052 Datasheet
31Kb / 1P
   Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
1301440052 MOLEX11-1301440052 Datasheet
42Kb / 1P
   Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
130141-0007 MOLEX2-130141-0007 Datasheet
50Kb / 1P
   Super-Safeway짰 Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130141-0044 MOLEX11-130141-0044 Datasheet
39Kb / 1P
   Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,10A/250V
1301410044 MOLEX11-1301410044 Datasheet
32Kb / 1P
   Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,10A/250V
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com