Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MLL991B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # MLL991B
Description  LEADLESS GLASS ZENER DIODE SURFACE MOUNT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MLL991B Datasheet(HTML) 3 Page - Microsemi Corporation

  MLL991B Datasheet HTML 1Page - Microsemi Corporation MLL991B Datasheet HTML 2Page - Microsemi Corporation MLL991B Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MLL957B-92B.PDF 05-02-00
MLL957B,-1
thru
MLL992B,-1
±1% and ±2% Versions
“C” and “D” Available
1
2
3
4
5
6
7
8
9
10
20
30
40
50
60
70
80
90
100
200
300
0
20
40
60
80
100 120 140 160 180 200 220
At Zero Volts
At - 2 Volts (V
R
)
CAPACITANCE vs VZ CURVE
ZENER VOLTAGE VZ
FIGURE 2
CAPACITANCE VS ZENER VOLTAGE
(TYPICAL)


Similar Part No. - MLL991B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
MLL957A FCI-MLL957A Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
MLL958A FCI-MLL958A Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
MLL959A FCI-MLL959A Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
MLL960A FCI-MLL960A Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
MLL961A FCI-MLL961A Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
More results

Similar Description - MLL991B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL746A MICROSEMI-MLL746A Datasheet
82Kb / 2P
   LEADLESS GLASS ZENER DIODE SURFACE MOUNT
logo
Diodes Incorporated
GDZ8V2BLP3 DIODES-GDZ8V2BLP3_15 Datasheet
94Kb / 4P
   ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
GDZ2V7LP3 DIODES-GDZ2V7LP3 Datasheet
342Kb / 5P
   ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
GDZ3V9LP3 DIODES-GDZ3V9LP3 Datasheet
212Kb / 4P
   ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
GDZ5V1LP3 DIODES-GDZ5V1LP3 Datasheet
94Kb / 4P
   ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
GDZ8V2BLP3 DIODES-GDZ8V2BLP3 Datasheet
93Kb / 4P
   ULTRA-SMALL LEADLESS SURFACE MOUNT ZENER DIODE
Rev. 1 - 2 February 2012
logo
Microsemi Corporation
CDLL5518 MICROSEMI-CDLL5518 Datasheet
113Kb / 2P
   LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW
MLL3821 MICROSEMI-MLL3821 Datasheet
91Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL5225B MICROSEMI-MLL5225B Datasheet
93Kb / 2P
   LEADLESS GLASS ZENER DIODES
MLL4099 MICROSEMI-MLL4099 Datasheet
83Kb / 2P
   LEADLESS GLASS ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com