Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1V21018 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE1V21018
Description  0.175 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 9 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE1V21018 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE1V21018 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE1V21018 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE1V21018 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE1V21018 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE1V21018 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE1V21018 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE1V21018 REV 1.0
0.175 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator
(VCO) From 9 GHz to 10 GHz With Phase Noise of -78 dBc/Hz
PE1V21018 CAD Drawing


Similar Part No. - PE1V21018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V21019 PASTERNACK-PE1V21019 Datasheet
558Kb / 6P
   0.175 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz
More results

Similar Description - PE1V21018

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE1V21019 PASTERNACK-PE1V21019 Datasheet
558Kb / 6P
   0.175 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 10 GHz
PE1V11024 PASTERNACK-PE1V11024 Datasheet
566Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 3 GHz
PE1V14005 PASTERNACK-PE1V14005 Datasheet
558Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.8 GHz
PE1V14006 PASTERNACK-PE1V14006 Datasheet
659Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.9 GHz
PE1V14009 PASTERNACK-PE1V14009 Datasheet
651Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.13 GHz
PE1V14007 PASTERNACK-PE1V14007 Datasheet
663Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2.1 GHz
PE1V14002 PASTERNACK-PE1V14002 Datasheet
662Kb / 8P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.57 GHz
PE1V14010 PASTERNACK-PE1V14010 Datasheet
610Kb / 7P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 4.77 GHz
PE1V11019 PASTERNACK-PE1V11019 Datasheet
571Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 1.35 GHz to 1.65 GHz
PE1V11022 PASTERNACK-PE1V11022 Datasheet
564Kb / 6P
   0.5 inch Commercial Surface Mount (SMT) Voltage Controlled Oscillator (VCO) From 2 GHz to 2.75 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com