Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF4414 Datasheet(PDF) 2 Page - GOOD-ARK Electronics

Part # SSF4414
Description  30V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF4414 Datasheet(HTML) 2 Page - GOOD-ARK Electronics

  SSF4414_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF4414_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF4414_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF4414_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.goodark.com
Page 2 of 4
Rev.1.2
SSF4414
30V N-Channel MOSFET
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
1
1.9
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=4.5V, ID=5A
31
40
VGS=10V, ID=8.5A
20
26
Forward Transconductance
gFS
VDS=5V,ID=5A
4
S
DYNAMIC CHARACTERISTICS (Note4)
Input Capacitance
Clss
680
820
PF
Output Capacitance
Coss
100
PF
Reverse Transfer Capacitance
Crss
VDS=15V,VGS=0V,
F=1.0MHz
75
PF
SWITCHING CHARACTERISTICS (Note 4)
Turn-on Delay Time
td(on)
4.5
6.5
nS
Turn-on Rise Time
tr
4.2
6.3
nS
Turn-Off Delay Time
td(off)
20
30
nS
Turn-Off Fall Time
tf
VDS=15V,VGS=10V,RGEN=3Ω
RL=1.8Ω
4.9
7.5
nS
Total Gate Charge
Qg
13.8
17
nC
Gate-Source Charge
Qgs
1.8
nC
Gate-Drain Charge
Qgd
VDS=15V,ID=8.5A,VGS=10V
3.3
nC
Body Diode Reverse Recovery Time
Trr
IF=8.5A, dI/dt=100A/µs
17.2
21
nS
Body Diode Reverse Recovery Charge
Qrr
IF=8.5A, dI/dt=100A/µs
8.6
10
nC
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage (Note 3)
VSD
VGS=0V,IS=1A
0.76
1
V
NOTES:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ≤ 10 sec.
3. Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4. Guaranteed by design, not subject to production testing.


Similar Part No. - SSF4414_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF4414 SILIKRON-SSF4414 Datasheet
399Kb / 5P
   PWM applications
logo
GOOD-ARK Electronics
SSF4414 GOOD-ARK-SSF4414 Datasheet
450Kb / 4P
   30V N-Channel MOSFET
More results

Similar Description - SSF4414_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com