Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF6092G1 Datasheet(PDF) 6 Page - GOOD-ARK Electronics

Part # SSF6092G1
Description  60V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF6092G1 Datasheet(HTML) 6 Page - GOOD-ARK Electronics

  SSF6092G1_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF6092G1_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF6092G1_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF6092G1_15 Datasheet HTML 4Page - GOOD-ARK Electronics SSF6092G1_15 Datasheet HTML 5Page - GOOD-ARK Electronics SSF6092G1_15 Datasheet HTML 6Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SSF6092G1
60V N-Channel MOSFET
www.goodark.com
Page 6 of 6
Rev.1.0
Ordering and Marking Information
Device Marking: 6092
Package (Available)
SOT23
Operating Temperature Range
C : -55 to 150 ºC
Devices per Unit
Package
Type
Units/
Tape
Tapes/Inner
Box
Units/Inner
Box
Inner
Boxes/Carton
Box
Units/Carton
Box
SOT23
3000
10
30000
4
120000
Reliability Test Program
Test Item
Conditions
Duration
Sample Size
High
Temperature
Reverse
Bias(HTRB)
Tj=125℃ to 150℃ @
80% of Max
VDSS/VCES/VR
168 hours
500 hours
1000 hours
3 lots x 77 devices
High
Temperature
Gate
Bias(HTGB)
Tj=150℃@ 100% of
Max VGSS
168 hours
500 hours
1000 hours
3 lots x 77 devices


Similar Part No. - SSF6092G1_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF6092G1 SILIKRON-SSF6092G1 Datasheet
535Kb / 7P
   Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF6092G1 GOOD-ARK-SSF6092G1 Datasheet
574Kb / 6P
   60V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
SSF6092G1 VBSEMI-SSF6092G1 Datasheet
509Kb / 9P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - SSF6092G1_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP65N06 FAIRCHILD-FDP65N06 Datasheet
598Kb / 8P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3460 AOSMD-AO3460_10 Datasheet
168Kb / 4P
   60V N-Channel MOSFET
AOB462L AOSMD-AOB462L Datasheet
445Kb / 6P
   60V N-Channel MOSFET
AOB2606L AOSMD-AOB2606L Datasheet
354Kb / 7P
   60V N-Channel MOSFET
AON6444 AOSMD-AON6444 Datasheet
270Kb / 7P
   60V N-Channel MOSFET
logo
Chip Integration Techno...
2N7002D CITC-2N7002D Datasheet
502Kb / 6P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010A GOOD-ARK-SSF6010A Datasheet
996Kb / 5P
   60V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFP50N06A SEMIHOW-HFP50N06A_16 Datasheet
374Kb / 9P
   60V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF6010 GOOD-ARK-SSF6010 Datasheet
953Kb / 5P
   60V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4440 AOSMD-AO4440_10 Datasheet
172Kb / 4P
   60V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com