Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5812 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # MRF5812
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MRF5812 Datasheet(HTML) 2 Page - Microsemi Corporation

  MRF5812 Datasheet HTML 1Page - Microsemi Corporation MRF5812 Datasheet HTML 2Page - Microsemi Corporation MRF5812 Datasheet HTML 3Page - Microsemi Corporation MRF5812 Datasheet HTML 4Page - Microsemi Corporation MRF5812 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MSC1319.PDF 10-25-99
MRF5812, R1, R2
ELECTRICAL SPECIFICATIONS (Tcase = 25
°C)
STATIC
(off)
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
BVCEO
Collector-Emitter Breakdown Voltage
(IC = 5.0 mAdc, IB = 0)
15
-
-
Vdc
BVCBO
Collector-Base Breakdown Voltage
(IC = 1.0 mAdc, IE = 0)
30
-
-
Vdc
BVEBO
Emitter-Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
2.5
-
-
Vdc
ICBO
Collector Cutoff Current
(VCE = 15 Vdc, VBE = 0 Vdc)
-
-
0.1
mA
IEBO
Collector Cutoff Current
(VCE = 2.0 Vdc, VBE = 0 Vdc)
-
-
0.1
mA
(on)
HFE
DC Current Gain
(IC = 50 mAdc, VCE = 5.0 Vdc)
50
200
DYNAMIC
Symbol
Test Conditions
Value
Min.
Typ.
Max.
Unit
COB
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
-
1.4
2.0
pF
Ftau
Current-Gain Bandwidth Product
(IC = 75 mAdc, VCE = 10 Vdc, f = 1.0 GHz)
-
5.0
-
GHz


Similar Part No. - MRF5812

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
MRF5812 ADPOW-MRF5812 Datasheet
125Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Semiconductor
MRF5812 ASI-MRF5812 Datasheet
27Kb / 1P
   NPN SILICON RF MICROWAVE TRANSISTOR
logo
Advanced Power Technolo...
MRF5812G ADPOW-MRF5812G Datasheet
125Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results

Similar Description - MRF5812

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
BFR91 MICROSEMI-BFR91 Datasheet
170Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFY90 MICROSEMI-BFY90 Datasheet
84Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
2N6304 MICROSEMI-2N6304 Datasheet
86Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF559 MICROSEMI-MRF559 Datasheet
208Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF5943 MICROSEMI-MRF5943 Datasheet
174Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Advanced Power Technolo...
MRF544 ADPOW-MRF544 Datasheet
302Kb / 4P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
BFR90 ADPOW-BFR90 Datasheet
120Kb / 5P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
MRF581 ADPOW-MRF581 Datasheet
282Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
Microsemi Corporation
MRF581 MICROSEMI-MRF581_08 Datasheet
162Kb / 6P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
BFR96 NJSEMI-BFR96 Datasheet
81Kb / 3P
   RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com