Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301490077 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301490077
Description  Safeway Single Corrosion Resistant Receptacle with Locking Blade, 2 Pole/3 Wire
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301490077 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301490077 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301490077
Status:
Active
Overview:
Heavy-Duty Industrial Wiring Devices
Description:
Safeway® Single Corrosion Resistant Receptacle with Locking Blade, 2 Pole/3 Wire,
NEMA L5-30, 125V
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
General
Product Family
Wiring Devices
Series
130149
IP Rating
N/A
NEMA Configuration
NEMA L5-30
Overview
Heavy-Duty Industrial Wiring Devices
Product Literature Order No
987650-8068
Product Name
Safeway®
Receptacle Type
Single
Specialty
N/A
Type
Receptacle
UPC
78678873947
Woodhead
Yes
Physical
Cord Grip Body Size
N/A
Flange
No
Flip Lid
No
Gender
Female
Length
N/A
Locking Blade
Yes
Poles
2-pole/3-wire
Electrical
Cord Type
N/A
Current - Maximum per Contact
30.0A
GFCI
No
Lighted Connector
No
Voltage - Maximum
125V
Material Info
Old Part Number
4947CR
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130149 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301490077

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490070 MOLEX11-1301490070 Datasheet
34Kb / 1P
   Safeway Single Receptacle, Heavy Duty Spec Grade, 2 Pole/3 Wire, NEMA L7-20,277V
1301490071 MOLEX11-1301490071 Datasheet
40Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
1301490072 MOLEX11-1301490072 Datasheet
41Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L15-20, 3 250V
1301490074 MOLEX11-1301490074 Datasheet
41Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire, NEMA L16-20, 3 480V
More results

Similar Description - 1301490077

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0082 MOLEX11-130149-0082 Datasheet
48Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
130149-0086 MOLEX11-130149-0086 Datasheet
48Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade 3 Pole/4 Wire,
1301490084 MOLEX11-1301490084 Datasheet
40Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire
1301490086 MOLEX11-1301490086 Datasheet
41Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
130149-0084 MOLEX11-130149-0084 Datasheet
48Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire,
1301490082 MOLEX11-1301490082 Datasheet
40Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade, 3 Pole/4 Wire
130149-0075 MOLEX11-130149-0075 Datasheet
48Kb / 1P
   Safeway Single Corrosion-Resistant Receptacle with Locking Blade
130149-0077 MOLEX11-130149-0077 Datasheet
40Kb / 1P
   Safeway Single Corrosion Resistant Receptacle with Locking Blade
1301490067 MOLEX11-1301490067 Datasheet
32Kb / 1P
   Safeway Single Heavy Duty Corrosion-Resistant, Spec - Grade Receptacle with Locking Blade
130149-0074 MOLEX11-130149-0074 Datasheet
48Kb / 1P
   Safeway Single Receptacle with Locking Blade, 3 Pole/4 Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com