Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J3250T70W12HR-U8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # J3250T70W12HR-U8
Description  High-Performance, Green Storage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

J3250T70W12HR-U8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  J3250T70W12HR-U8 Datasheet HTML 1Page - List of Unclassifed Manufacturers J3250T70W12HR-U8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA
Tel: +1-510-651-8868
Fax: +1-510-651-7688
Taiwan
Tel: +886-2-2652-5888
Fax: +886-2-2652-5805
China
Shanghai Tel: +86-21-61431188 Ext 1366
China Tel:-86-010-62555015 Ext 8302
Japan
Tel: +81-3-3769-8311
Fax: +81-3-3769-8328
TYAN Business Unit
MITAC COMPUTING TECHNOLOGY CORP.
Specifications
TN70J-E3250
J3250T70W12HR-U8
E3250-12I4E-U8
SAS 12Gb/s Expander Board
(1) LSI SAS3x24 (Cobra-R)
(3) SFF-8643 for (12) internal SAS 12G connection
(3) SFF-8644 for external SAS 12G connection
SFF-8644 External SAS 12G Conn.
1x SAS-IN / 2x SAS-OUT, or
2x SAS-IN / 1x SAS-OUT, or
3x SAS-IN
RPSU
(1+1) 450W hot-swap RPSU
80+ Gold
(12) hot-swap 3.5”/2.5” HDD/SSD
(SAS 12Gb/s or SATA 6Gb/s)
M1701T70-FPB
Front Panel Board
Hot-swap System FANs
(2) 6038
(Specifications are subject to change without notice. Items pictured may only be representative.)
Daisy Chaining (single SAS-IN Port)
Simply System
Step1. scale bandwidth
Daisy Chaining
Step 2. scale volume
Share Storage (2x SAS-IN Ports)
Share Storage (2x SAS-IN Ports)
2U Rackmount
TN70J
27.56" x 17.72" x 3.43" (700 x 450 x 87mm)
E3250-12I4E-U8
24 kg
(1) PWR / (1) RST / (1) ID
(1) ID / (1) Warning
N/A
2.5"/3.5" Hot-Swap / (12) / *Need a discrete
HBA/RAID adapter to enable
SATA 6Gb/s/ SAS 12Gb/s
System Cooling
Configuration
(2) 6cm fans
ERP1U
PFC / 80 plus gold
1+1
100-127V AC/5.5A / 200-240V AC/3A
50-60 Hertz
450 Watts
LSI SAS 3X24R
(3) mini-SAS HD connectors
1x SAS-IN & 2x SAS-OUT (Def.)
12.0 Gb/s
JBOD/ Single
Mini-SAS HD Ports can be configured as:
3x SAS-IN ports, 2x SAS-IN & 1x SAS-OUT
or share storage. For those configuration,
please contact Tyan’s technical support
I/O Ports
(3) mini-SAS HD connectors/
(Link/Speed LEDs)
Class A
Yes
10° C ~ 40° C (50° F~ 104° F)
- 40° C ~ 70° C (-40° F ~ 158° F)
10%~85%, non-condensing
RoHS
Yes
Regulation
FCC (DoC)
CE (DoC)
Speed
RAID Controller/Controller
Others
Expander Controller
Connector
Connector configuration
Operating
Environment
Operating Temp.
Non-operating Temp.
In/Non-operating Humidity
RoHS 6/6 Complaint
Buttons
FAN
Power Supply
Type
Efficiency
Redundancy
Output Watts
Input Range
Note
Expander
Controller board
LEDs
I/O Ports
Front Panel
HDD backplane support
Interface
Type / Q'ty
Expander Controller Board
External Drive
Bay
Form Factor
Chassis Name
Dimension (H x W x D)
Frequency
Gross Weight
System


Similar Part No. - J3250T70W12HR-U8

ManufacturerPart #DatasheetDescription
logo
JST Mfg. Co., Ltd.
J320M JST-J320M Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J320S JST-J320S Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J320T JST-J320T Datasheet
886Kb / 23P
   Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
Toshiba Semiconductor
J327 TOSHIBA-J327 Datasheet
232Kb / 6P
   TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSVI)
J327 TOSHIBA-J327 Datasheet
192Kb / 6P
   Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results

Similar Description - J3250T70W12HR-U8

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
   High Performance 2U Storage Server
CRS-720X-2R AAEON-CRS-720X-2R_15 Datasheet
129Kb / 1P
   High Performance 2U Storage Server
logo
List of Unclassifed Man...
LS-VL ETC2-LS-VL Datasheet
386Kb / 2P
   High Performance Shared Network Storage
logo
AAEON Technology
CRS-720X-2R AAEON-CRS-720X-2R Datasheet
129Kb / 1P
   High Performance 2U Storage Server
logo
List of Unclassifed Man...
LS-QV ETC2-LS-QV Datasheet
420Kb / 2P
   High Performance Four-Drive Network Storage
OCM14102-UX-OCP ETC2-OCM14102-UX-OCP Datasheet
464Kb / 4P
   Accelerates applications and storage performance
OCE14000B ETC2-OCE14000B Datasheet
528Kb / 4P
   Accelerates applications and storage performance
logo
Kingston Technology Far...
UFS64G-TX17 KINGSTON-UFS64G-TX17 Datasheet
3Mb / 2P
   High performance storage for mobile and embedded applications
logo
Intel Corporation
SSD905P INTEL-SSD905P Datasheet
2Mb / 2P
   Breakthrough Performance for Demanding Storage Workloads
2018
logo
Schurter Inc.
DSH SCHURTER-DSH Datasheet
449Kb / 3P
   Storage Choke, high design
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com