Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S7077GM2NR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S7077GM2NR
Description  Cost-effective dual-socket Server/workstation implementation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S7077GM2NR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S7077GM2NR Datasheet HTML 1Page - List of Unclassifed Manufacturers S7077GM2NR Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 Dual LGA2011 socket supports (2) E5-2600 v3 series processors
 Intel® C612
 (4+4) 284-pin DDR4 DIMM slots RDIMM 2133/1866/1600MHz;
LRDIMM/LRDIMM 3DS 2133/1600MHz
 Support up to 256GB RDIMM/512GB LRDIMM/1,024GB LDRIMM 3DS
*Follow latest Intel DDR4 Memory POR
 (1) PCI-E Gen3 x16 slots
 (1) PCI-E Gen3 x4 slots, (1) PCI-E Gen3 x8 Mezz slot
 (10) SATA-III running at 6.0 Gb/s w/ RAID 0, 1, 10, 5 support
 Realtek ALC262 audio CODEC (-A SKU)
 (2) GbE LAN (via Intel® I210)
 SSI CEB (12" x 10.5") form factor
Intel® C612 Chipset
S7077
S7077GM2NR / S7070AG2NR
Specifications are subject to change without notice. Items pictured may only be representative.
DUAL-SOCKET
SERVER / WStion
PLATFORM
Cost-effective dual-socket
Server/workstation implementation


Similar Part No. - S7077GM2NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
S7070A2NR ETC2-S7070A2NR Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
S7070GM2NR ETC2-S7070GM2NR Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
S7070WA2NR ETC2-S7070WA2NR Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
S7070WGM2NR ETC2-S7070WGM2NR Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
More results

Similar Description - S7077GM2NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GT24-B7066 ETC2-GT24-B7066 Datasheet
728Kb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for Server Applications
S7070 ETC2-S7070 Datasheet
810Kb / 2P
   Dual-socket server/workstation implementation for mainstream applications
GT20A-B7040 ETC2-GT20A-B7040 Datasheet
1Mb / 2P
   Cost-effective 1U Dual-Socket Server Implementation for power-efficient Applications
S7020 ETC2-S7020 Datasheet
1Mb / 2P
   Dual-socket server,workstation platform
S7025 ETC2-S7025 Datasheet
1,023Kb / 2P
   Dual-socket server/ workstation platform
TA77-B7061 ETC2-TA77-B7061 Datasheet
776Kb / 2P
   2U Dual-Socket Server Implementation
GT24-B7067 ETC2-GT24-B7067 Datasheet
707Kb / 2P
   RACK-OPTIMIZED 1U Dual-Socket Server Implementation for Server
YR290-B7018 ETC2-YR290-B7018 Datasheet
922Kb / 2P
   High-Density 2U dual-socket SMP server implementation
S5512 ETC2-S5512 Datasheet
797Kb / 2P
   SINGLE-SOCKET ATX SERVER / WORKSTATION PLATFORM
FT48-B7025 ETC2-FT48-B7025 Datasheet
1Mb / 2P
   4U dual-socket SMP server implementation for GPGPU applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com