Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74HC259A Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74HC259A
Description  8-Bit Addressable Latch 1-of-8 Decoder
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC259A Datasheet(HTML) 4 Page - ON Semiconductor

  MC74HC259A Datasheet HTML 1Page - ON Semiconductor MC74HC259A Datasheet HTML 2Page - ON Semiconductor MC74HC259A Datasheet HTML 3Page - ON Semiconductor MC74HC259A Datasheet HTML 4Page - ON Semiconductor MC74HC259A Datasheet HTML 5Page - ON Semiconductor MC74HC259A Datasheet HTML 6Page - ON Semiconductor MC74HC259A Datasheet HTML 7Page - ON Semiconductor MC74HC259A Datasheet HTML 8Page - ON Semiconductor MC74HC259A Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC74HC259A
http://onsemi.com
4
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
− 55 to
25°C
v 85°C
v 125°C
tPLH,
tPHL
Maximum Propagation Delay, Data to Output
(Figures 2 and 7)
2.0
3.0
4.5
6.0
125
45
32
25
160
60
32
28
175
70
42
33
ns
tPLH,
tPHL
Maximum Propagation Delay, Address Select to Output
(Figures 3 and 7)
2.0
3.0
4.5
6.0
150
60
32
28
175
70
40
30
200
80
45
35
ns
tPLH,
tPHL
Maximum Propagation Delay, Enable to Output
(Figures 4 and 7)
2.0
3.0
4.5
6.0
150
60
32
28
175
70
40
30
200
80
45
35
ns
tPHL
Maximum Propagation Delay, Reset to Output
(Figures 5 and 7)
2.0
3.0
4.5
6.0
110
36
22
19
125
45
26
23
160
60
32
28
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
(Figures 2 and 7)
2.0
3.0
4.5
6.0
75
27
15
13
95
32
19
16
110
36
22
19
ns
Cin
Maximum Input Capacitance
10
10
10
pF
CPD
Power Dissipation Capacitance (Per Package)
Typical @ 25°C, VCC = 5.0 V
pF
30
TIMING REQUIREMENTS (Input tr = tf = 6 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
− 55 to
25°C
v 85°C
v 125°C
tsu
Minimum Setup Time, Address or Data to Enable
(Figure 6)
2.0
3.0
4.5
6.0
75
30
15
13
95
40
19
16
110
55
22
19
ns
th
Minimum Hold Time, Enable to Address or Data
(Figure 6)
2.0
3.0
4.5
6.0
1
1
1
1
1
1
1
1
1
1
1
1
ns
tw
Minimum Pulse Width, Reset or Enable
(Figure 4 or 5)
2.0
3.0
4.5
6.0
70
27
15
13
90
32
19
16
100
36
22
19
ns
tr, tf
Maximum Input Rise and Fall Times
(Figure 2)
2.0
3.0
4.5
6.0
1000
800
500
400
1000
800
500
400
1000
800
500
400
ns


Similar Part No. - MC74HC259A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74HC259A MOTOROLA-MC74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
More results

Similar Description - MC74HC259A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC259A MOTOROLA-MC54-74HC259A Datasheet
246Kb / 8P
   8-Bit Addressable Latch 1-of-8 Decoder
MC54-74HC259 MOTOROLA-MC54-74HC259 Datasheet
199Kb / 7P
   8-Bit Addressable Latch 1-of-8 Decoder
logo
ON Semiconductor
MC74LVX259 ONSEMI-MC74LVX259_14 Datasheet
130Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
August, 2014 ??Rev. 4
MC74LVX259 ONSEMI-MC74LVX259 Datasheet
178Kb / 11P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 1
MC74VHC259 ONSEMI-MC74VHC259 Datasheet
118Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
April, 2001 ??Rev. 2
MC74VHCT259A ONSEMI-MC74VHCT259A_14 Datasheet
110Kb / 9P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
October, 2014 ??Rev. 6
MC74VHC259 ONSEMI-MC74VHC259_14 Datasheet
107Kb / 8P
   8-Bit Addressable Latch/1-of-8 Decoder CMOS Logic Level Shifter
September, 2014 ??Rev. 5
logo
Fairchild Semiconductor
MM74HC259 FAIRCHILD-MM74HC259 Datasheet
76Kb / 7P
   8-Bit Addressable Latch/3-to-8 Line Decoder
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
   8-bit Addressable Latch
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
   8-Bit Addressable Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com