Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP81253MNTBG Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP81253MNTBG
Description  5 V MOSFET Driver Compatible
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP81253MNTBG Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP81253MNTBG Datasheet HTML 2Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 3Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 4Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 5Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 6Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 7Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 8Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 9Page - ON Semiconductor NCP81253MNTBG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NCP81253
www.onsemi.com
7
BST
PWM
EN
VCC
DRVH
PAD
DRVL
GND
SW
5V_POWER
VIN
PWM
DRON
VCCP
Q1
NTMFS4821N
Q2
NTMFS4851N
Q3
R1
1.02
R2
0.0
C2
C1
R3
0.0
R4
2.2
C3
2700 pF
L
235 nH
C4
C5
C6
C7
NCP81253
Figure 14. Application Circuit
1
mF
0.1
mF
NTMFS4851N
4.7
mF 4.7 mF 4.7 mF
390
mF
PWM
DRVL
DRVH−SW
90%
10%
1 V
10%
90%
1 V
10%
90%
90%
10%
Figure 15. Gate Timing Diagram
tfDRVL
trDRVH
tpdlDRVL
tpdhDRVH
tfDRVH
trDRVL
tpdhDRVL
tpdlDRVH


Similar Part No. - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81250 ONSEMI-NCP81250 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81250MNTXG ONSEMI-NCP81250MNTXG Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251 ONSEMI-NCP81251 Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81251MNTXG ONSEMI-NCP81251MNTXG Datasheet
300Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
NCP81252 ONSEMI-NCP81252 Datasheet
301Kb / 18P
   Single-Phase Voltage Regulator
September, 2015 ??Rev. 1
More results

Similar Description - NCP81253MNTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP81145 ONSEMI-NCP81145 Datasheet
129Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2013 ??Rev. 0
NCP81151 ONSEMI-NCP81151 Datasheet
133Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
April, 2015 ??Rev. 4
NCP81151B ONSEMI-NCP81151B Datasheet
92Kb / 9P
   Compatible Synchronous Buck MOSFET Driver
December, 2015 ??Rev. 0
NCP5911 ONSEMI-NCP5911 Datasheet
130Kb / 9P
   IMVP7.0 Compatible Synchronous Buck MOSFET Driver
February, 2011 ??Rev. 1
MDC3105 ONSEMI-MDC3105_1 Datasheet
426Kb / 2P
   5 V Relay Driver Socket
Rev.0,Aug.2006
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC100EP210S ONSEMI-MC100EP210S Datasheet
66Kb / 8P
   2.5V1:5 Dual Differential LVDS Compatible Clock Driver
May, 2002 ??Rev. 5
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
logo
Sanken electric
SLA6845MZ SANKEN-SLA6845MZ_15 Datasheet
702Kb / 12P
   CMOS-compatible input (3.3 or 5 V)
logo
Analog Devices
AD8328 AD-AD8328 Datasheet
542Kb / 16P
   5 V Upstream Cable Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com