Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6915AFCCLT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP6915AFCCLT1G
Description  6 Channels PMIC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6915AFCCLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NCP6915AFCCLT1G Datasheet HTML 1Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 2Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 3Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 4Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 5Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 6Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 7Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 8Page - ON Semiconductor NCP6915AFCCLT1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
NCP6915
http://onsemi.com
2
Enabling
System Supply
DCDC1 Out
2.2uF
10 uF
1uH
1.0 uF
NCP6915
FB
PVIN
SW
PGND
Power Up/
Down
Sequencer
Thermal
Protection
SDA
SCL
HWEN
DCDC1
600 mA
100 nF
Core
AGND
VBG
VIN1
VIN2
1uF
System Supply
System Supply
Or
DCDC Out
VOUT1
LDO1
200 mA
1.0 uF
VOUT2
LDO2
200 mA
1.0 uF
VOUT3
LDO3
200 mA
1.0 uF
VOUT4
LDO4
200 mA
1.0 uF
VOUT5
LDO5
300 mA
1uF
Figure 1. Functional Block Diagram
Processor I2C
I2C


Similar Part No. - NCP6915AFCCLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691 ONSEMI-NCP691 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP691 ONSEMI-NCP691 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCAT1G ONSEMI-NCP6914AFCAT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCBT1G ONSEMI-NCP6914AFCBT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
More results

Similar Description - NCP6915AFCCLT1G

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
   76 Channels PMIC for DSC
logo
SamHop Microelectronics...
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
   6 CHANNELS VOLUME CONTROLLER
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
   6 CHANNELS VOLUME CONTROLLER
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
   6-Channels WLED Linear Driver
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
   654 Channels PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com