Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP6915 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP6915
Description  6 Channels PMIC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP6915 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP6915 Datasheet HTML 1Page - ON Semiconductor NCP6915 Datasheet HTML 2Page - ON Semiconductor NCP6915 Datasheet HTML 3Page - ON Semiconductor NCP6915 Datasheet HTML 4Page - ON Semiconductor NCP6915 Datasheet HTML 5Page - ON Semiconductor NCP6915 Datasheet HTML 6Page - ON Semiconductor NCP6915 Datasheet HTML 7Page - ON Semiconductor NCP6915 Datasheet HTML 8Page - ON Semiconductor NCP6915 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Semiconductor Components Industries, LLC, 2014
August, 2014 − Rev. 3
1
Publication Order Number:
NCP6915/D
NCP6915
6 Channels PMIC with One
DCDC Converter and 5
LDOs
The NCP6915 integrated circuit is part of the ON Semiconductor
mini power management IC family. It is optimized to supply battery
powered portable application sub−systems such as camera function,
microprocessors ... etc. This device integrates one high efficiency
600 mA Step−down DCDC converter with DVS (Dynamic Voltage
Scaling) and 5 low dropout (LDO) voltage regulators in WLCSP16
package.
Features
One DCDC Converter:
Peak Efficiency 96%
Programmable Output Voltage from 0.8 V to 2.3 V by 50 mV Steps
600 mA Output Current Capability
Five Low Noise − Low Dropout Regulators
Programmable Output Voltage from 1.7 V to 3.3 V for LDOs
1,2,3
Programmable Output Voltage from 1.2 V to 2.85 V for LDO 4 & 5
200 mA Output Current Capability: LDO’s 1,2,3 & 4
300 mA Output Current Capability: LDO 5
45
mVrms Low Output Noise
Control
400 kHz / 3.4 MHz I2C Control Interface
Hardware Enable Pin
Customizable Power up Sequencer
Extended Input Voltage Range 2.5 V to 5.5 V
Support of Newest Battery Technologies
Optimized Power Efficiency
82
mA Very Low Quiescent Current at no Load
Dynamic Voltage Scaling on DCDC Converter
Regulators can be Supplied from DCDC Converter Output
Small footprint
Package WLCSP16 1.56 x 1.56 mm2
DCDC Converter runs at 3.0 MHz using a 1
mH Inductor and
10
mF Capacitor or 2.2 mH Inductor and 4.7 mF Capacitor
This is a Pb−Free Device
Typical Applications
Cellular Phones
Digital Cameras
Personal Digital Assistant and Portable Media Player
GPS
WLCSP16
CASE 567GF
MARKING
DIAGRAM*
http://onsemi.com
See detailed ordering and shipping information on page 23 of
this data sheet.
ORDERING INFORMATION
A
B
C
D
12
3
4
VOUT2
VIN1
AGND
VOUT3
VOUT1
SCL
VBG
VOUT4
FB
HWEN
SDA
VIN2
PVIN
SW
PGND
VOUT5
(Top View)
A
= Assembly Location
L
= Wafer Lot
Y
= Year
WW = Work Week
G
= Pb−Free Package
6915A
ALYWW
G
*Pb−Free indicator, “G” or microdot “
G”,
may or may not be present.


Similar Part No. - NCP6915

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP691 ONSEMI-NCP691 Datasheet
150Kb / 14P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
September, 2009 ??Rev. 6
NCP691 ONSEMI-NCP691 Datasheet
165Kb / 15P
   1 A, Low IGND, Very Low Dropout Regulator (VLDO) with/without Enable
August, 2014 ??Rev. 10
NCP6914 ONSEMI-NCP6914 Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCAT1G ONSEMI-NCP6914AFCAT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
NCP6914AFCBT1G ONSEMI-NCP6914AFCBT1G Datasheet
848Kb / 36P
   5 Channel PMIC: 1 DCDC Converter and 4 LDOs
April, 2014 ??Rev. 10
More results

Similar Description - NCP6915

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G2205 GMT-G2205 Datasheet
71Kb / 1P
   76 Channels PMIC for DSC
logo
SamHop Microelectronics...
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
logo
Global Mixed-mode Techn...
G2207 GMT-G2207 Datasheet
97Kb / 1P
   66 Channels PMU for DSC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
   6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
   6 CHANNELS VOLUME CONTROLLER
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
   6 CHANNELS VOLUME CONTROLLER
logo
Linear Technology
LTC3577 LINER-LTC3577_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
LTC3577-1 LINER-LTC3577-1_15 Datasheet
640Kb / 54P
   Highly Integrated 6-Channel Portable PMIC
logo
SHANGHAI BELLING CO., L...
BL8584 BELLING-BL8584 Datasheet
169Kb / 5P
   6-Channels WLED Linear Driver
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
   654 Channels PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com