Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP1855 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCP1855
Description  Fully Integrated Li-Ion Switching Battery Charger
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1855 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCP1855 Datasheet HTML 3Page - ON Semiconductor NCP1855 Datasheet HTML 4Page - ON Semiconductor NCP1855 Datasheet HTML 5Page - ON Semiconductor NCP1855 Datasheet HTML 6Page - ON Semiconductor NCP1855 Datasheet HTML 7Page - ON Semiconductor NCP1855 Datasheet HTML 8Page - ON Semiconductor NCP1855 Datasheet HTML 9Page - ON Semiconductor NCP1855 Datasheet HTML 10Page - ON Semiconductor NCP1855 Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
NCP1855
http://onsemi.com
7
Table 4. ELECTRICAL CHARACTERISTICS
Min & Max Limits apply for TA between −40°C to +85°C and TJ up to +125°C for VIN between 3.9 V to 7 V (Unless otherwise noted).
Typical values are referenced to TA = + 25°C and VIN = 5 V (Unless otherwise noted).
Symbol
Unit
Max
Typ
Min
Conditions
Parameter
JUNCTION THERMAL MANAGEMENT
TSD
Thermal shutdown
Rising
125
140
150
°C
Falling
115
°C
TH2
Hot temp threshold 2
Relative to TSD
−7
°C
TH1
Hot temp threshold 1
Relative to TSD
−11
°C
TWARN
Thermal warning
Relative to TSD
−15
°C
BUCK CONVERTER
FSWCHG
Switching Frequency
1.5
MHz
Switching Frequency Accuracy
−10
+10
%
TDTYC
Max Duty Cycle
Average
99.5
%
IPKMAX
Maximum peak inductor current
3
A
RONLS
Low side Buck MOSFET
RDSON (Q3)
Measured between PGND and SW, VIN = 5 V
70
110
m
W
RONHS
High side Buck MOSFET
RDSON (Q2)
Measured between CAP and SW, VIN = 5 V
55
85
m
W
PROTECTED TRANSCEIVER SUPPLY
VTRANS
Voltage on TRANS pin
VIN ≥ 5 V
5
5.5
V
ITRMAX
TRANS current capability
50
mA
ITROCP
Short circuit protection
150
mA
TIMING
TWD
Watchdog timer
32
s
TUSB
USB timer
2048
s
TCHG1
Charge timer
Safe−charge or pre−charge or weak−safe or
weak−charge state.
3
h
TCHG2
CC state
1
h
CV state
TIMER_SEL = 0 (default)
2
h
TIMER_SEL = 1
1
h
TWU
Wake−up timer
64
s
TST
Charger state timer,
Minimum transition time from
states to states
From Weak−Charge to Full−Charge State
32
s
From wait−state to safe−charge and from
weak−wait to weak−safe
127
ms
All others state
16
ms
TVRCHR
Deglitch time for end of charge
voltage detection
VBAT rising
15
ms
VBAT falling
127
ms
TINDET
Deglitch time for input voltage
detection
VIN rising
15
ms
TDGS1
Deglitch time for signal
crossing IEOC, VPRE, VSAFE,
VCHGDET thresholds
Rising and falling edge
15
ms
TDGS2
Deglitch time for signal
crossing VFET, VBUSUV,
VBUSOV thresholds
Rising and falling edge
1
ms


Similar Part No. - NCP1855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1855FCCT1G ONSEMI-NCP1855FCCT1G Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
NCP1855 ONSEMI-NCP1855_16 Datasheet
344Kb / 26P
   Path Management and USB On-The-Go Support
January, 2016 ??Rev. 0
More results

Similar Description - NCP1855

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1850 ONSEMI-NCP1850 Datasheet
269Kb / 30P
   Fully Integrated Li-Ion Switching Battery Charger
May, 2013 ??Rev. 1
NCP1851 ONSEMI-NCP1851 Datasheet
556Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 6
NCP1854 ONSEMI-NCP1854 Datasheet
622Kb / 27P
   Fully Integrated Li-Ion Switching Battery Charger
September, 2014 ??Rev. 4
NCP1852 ONSEMI-NCP1852 Datasheet
497Kb / 31P
   Fully Integrated Li-Ion Switching Battery Charger
March, 2013 ??Rev. 5
logo
ACE Technology Co., LTD...
ACE4054 ACE-ACE4054 Datasheet
252Kb / 15P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.2
ACE4054 ACE-ACE4054_12 Datasheet
1,000Kb / 18P
   Fully integrated constant current/constant voltage Li-ion battery charger
VER 1.4
ACE4703 ACE-ACE4703 Datasheet
871Kb / 15P
   Fully 5A, 3cell Standalone Li-ion Battery Charger
VER 1.2
ACE4704 ACE-ACE4704 Datasheet
889Kb / 15P
   Fully 5A, 4cell Standalone Li-ion Battery Charger
VER 1.2
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
   Li-ion Battery Charger
logo
Kingbor Technology Co
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
   Li-Ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com