Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP134AMX100TCG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP134AMX100TCG
Description  500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP134AMX100TCG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP134AMX100TCG Datasheet HTML 1Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 2Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 3Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 4Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 5Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 6Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 7Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 8Page - ON Semiconductor NCP134AMX100TCG Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
NCP134
www.onsemi.com
5
TYPICAL CHARACTERISTICS
At TJ = +25°C, VIN = VOUT(TYP) + 0.3 V, VBIAS = 2.7 V, VEN = VBIAS, VOUT(NOM) = 1.0 V, IOUT = 500 mA,
CIN = 1 mF, CBIAS = 0.1 mF, and COUT = 2.2 mF (effective capacitance), unless otherwise noted.
Figure 3. VIN Dropout Voltage vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
300
200
100
0
0
20
40
60
80
100
120
+125
°C
+25
°C
−40
°C
Figure 4. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
VBIAS − VOUT (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
20
60
80
120
140
180
200
4.5
IOUT = 100 mA
40
100
160
140
160
180
200
+85
°C
400
500
+125
°C
+25
°C
−40
°C
+85
°C
Figure 5. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
VBIAS − VOUT (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
200
250
4.5
150
300
+125
°C
+25
°C
−40
°C
IOUT = 300 mA
+85
°C
Figure 6. VIN Dropout Voltage vs. (VBIAS
VOUT) and Temperature TJ
VBIAS − VOUT (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
150
200
300
350
450
500
4.5
IOUT = 500 mA
100
250
400
+125
°C
+25
°C
−40
°C
+85
°C
Figure 7. VBIAS Dropout Voltage vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
300
200
100
0
900
1000
1100
1200
1300
1400
+125
°C
+25
°C
−40
°C
250
150
50
+85
°C
Figure 8. BIAS Pin Current vs. IOUT and
Temperature TJ
IOUT, OUTPUT CURRENT (mA)
500
200
100
0
0
20
60
80
120
140
40
100
250
150
50
+125
°C
+85
°C
−40
°C
+25
°C
1500
300
350 400 450


Similar Part No. - NCP134AMX100TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP134AMX100TCG ONSEMI-NCP134AMX100TCG Datasheet
172Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2016 ??Rev. 2
More results

Similar Description - NCP134AMX100TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8135 ONSEMI-NCV8135 Datasheet
772Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2019 ??Rev. 1
NCP135 ONSEMI-NCP135 Datasheet
769Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2017 ??Rev. 0
NCP133 ONSEMI-NCP133_15 Datasheet
178Kb / 9P
   500 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
March, 2015 ??Rev. 3
NCP137 ONSEMI-NCP137 Datasheet
181Kb / 9P
   700 mA, Very Low Dropout Bias Rail CMOS Voltage Regulator
September, 2018 ??Rev. 5
NCV8720 ONSEMI-NCV8720 Datasheet
349Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
December, 2016 ??Rev. 1
NCV8130 ONSEMI-NCV8130 Datasheet
153Kb / 10P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
June, 2017 ??Rev. 0
NCP720 ONSEMI-NCP720_16 Datasheet
344Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
February, 2016 ??Rev. 1
NCP120 ONSEMI-NCP120 Datasheet
136Kb / 8P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
October, 2015 ??Rev. 2
NCV8133 ONSEMI-NCV8133 Datasheet
266Kb / 11P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
July, 2017 ??Rev. 1
NCP720 ONSEMI-NCP720 Datasheet
346Kb / 9P
   Very Low Dropout Bias Rail CMOS Voltage Regulator
April, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com