Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCD9830DBR2G Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCD9830DBR2G
Description  8-Bit, 8-Channel ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCD9830DBR2G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCD9830DBR2G Datasheet HTML 7Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 8Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 9Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 10Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 11Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 12Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 13Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 14Page - ON Semiconductor NCD9830DBR2G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
NCD9830
http://onsemi.com
11
CIRCUIT INFORMATION
OPERATION
The NCD9830 is a low power successive approximation
ADC with a built in 8 channel multiplexer and 8 bit
resolution. The 8 bit resolution assures high noise immunity
and fast digitization that makes this device suitable for
medium to high speed applications. The device internal
circuitry operates at speed higher than the conversion time
of the device because of the binary algorithm used. The
algorithm is based on approximating the input signal by
comparing with successive analog signal generated from the
built in DAC.
The device can be operated at supply voltages of 2.7 V and
5 V. The liberty of supply voltage variation must be used
with appropriate reference voltage selection. The NCD9830
internal DAC can be configured with an externally (50 mV
−5 V) supplied or an internally internally generated
reference voltage of 2.5 V. However, to avail full dynamic
range an external reference of 5 V must be used while
operating the device at 5 V supply voltage. The internal 2.5
V reference voltage is sufficient for full dynamic range
while operating the device at 2.7 V.
The value of each output bit is evaluated on the basis of
output of the comparator. The converter requires
N conversion periods to give N bit digital output of the input
analog signal. The SAR register stores the digital equivalent
bits of the input analog signal and can be read by the master
device using an I2C interface. The main building block of the
device are
i.
Digital to Analog Converter
ii.
Comparator
iii.
Digital Logic
Digital to Analog Converter
A charge scaling DAC is used due to its compatibility with
the switch capacitor circuits. The DAC operation consists of
two phases called acquisition phase and the conversion
phase. The acquisition phase is analogous to sample and
hold circuit while the conversion phase is the process of
conversion of the internal digital word in to an analog
output.
Acquisition phase: The top plates of all the capacitors on
the array are connected to the ground and the bottom plates
are connected to the applied voltage Vin. Thus there is
a charge proportional to input voltage on the capacitor array.
After acquisition the top and bottom plates are disconnected
from their respective connections.
Figure 16. The Acquisition Phase of a Typical ADC
C
2C
4C
8C
128C
Vin
Conversion Phase: The conversion phase is administered
by a two phase non overlapping clock with phases
f1 and f2
respectively.
During
f1 the bottom plates of all the capacitors are
grounded i.e the top plates of all the capacitors are now Vin
times higher than the ground. As the conversion process
starts the digital control sets all the bits zero except the MSB
in the SAR register. During the
f2 the capacitors associated
with MSB is connected to VREF while others are connected
to ground. In this way the DAC generates analog voltage of
magnitude VREF/2. The analog output of DAC is compared
with the input analog signal. The digital control logic sets the
MSB to 1 if comparator output is high and 0 otherwise. Thus
the first step of SAR algorithm decides whether the input
signal is greater or less than VREF/2. The approximation
process is then run again with the MSB in its proven value
and the next lower bit is set to 1. This gives a general
direction path and the remaining approximations will
converge the output in this direction.
Figure 17. The Conversion Phase of a Typical ADC
C
2C
4C
8C
128C
VREF
Vin
f2
f1
f2
f1 f2
f1 f2 f1
Comparator
A switch capacitor comparator is used to alleviate the
effects of input offset voltage. The issue of charge injection
is controlled by using fully differential topology.


Similar Part No. - NCD9830DBR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCD98010 ONSEMI-NCD98010 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XDPT3G ONSEMI-NCD98010XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98010XMXTAG ONSEMI-NCD98010XMXTAG Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011 ONSEMI-NCD98011 Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
NCD98011XDPT3G ONSEMI-NCD98011XDPT3G Datasheet
201Kb / 12P
   12-Bit Low Power SAR ADC
March, 2020 ??Rev. 1
More results

Similar Description - NCD9830DBR2G

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNAD01C SONIX-SNAD01C Datasheet
722Kb / 27P
   8-CHANNEL 8-BIT ADC?
SNAD01B SONIX-SNAD01B Datasheet
726Kb / 31P
   8-CHANNEL 8-BIT ADC
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
logo
Texas Instruments
ADS5272 TI1-ADS5272_13 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC
logo
Asahi Kasei Microsystem...
AK5578 AKM-AK5578 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19507 MAXIM-MAX19507 Datasheet
417Kb / 34P
   Dual-Channel, 8-Bit, 130Msps ADC
Rev 0; 10/08
MAX19505 MAXIM-MAX19505_V01 Datasheet
549Kb / 35P
   Dual-Channel, 8-Bit, 65Msps ADC
2010
logo
Asahi Kasei Microsystem...
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
logo
Maxim Integrated Produc...
MAX19506 MAXIM-MAX19506_V01 Datasheet
1Mb / 35P
   Dual-Channel, 8-Bit, 100Msps ADC
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com