Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MR4027N Datasheet(PDF) 1 Page - ON Semiconductor

Part # MR4027N
Description  Automotive Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MR4027N Datasheet(HTML) 1 Page - ON Semiconductor

  MR4027N Datasheet HTML 1Page - ON Semiconductor MR4027N Datasheet HTML 2Page - ON Semiconductor MR4027N Datasheet HTML 3Page - ON Semiconductor MR4027N Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
September, 2006 − Rev. 2
1
Publication Order Number:
MR4027/D
MR4027
Automotive Transient
Voltage Suppressor
20 V – 27 V
Designed for Automotive Applications (Alternator) requiring
Reverse Avalanche Capability for use as Transient Voltage
Suppressor. Developed to suppress transients in automotive systems,
this device operates in the forward mode as Standard Rectifier or in
Reverse as Transient Voltage Suppressor for Centralized Protection.
For further information referring to Mounting or Operating
Conditions, contact your nearest ON Semiconductor Sales
Representative.
Mechanical Characteristics
Finish: 100% Tin Plated
All External Surfaces are Corrosion Resistant
Weight: 2.6 Grams (Approximately)
Packaging/Labeling
Two Sealed Bags into a Cardboard Box
Device Number Labeled on the Bag
Marking
The Devices are Laser Marked on the Epoxy Surface
MAXIMUM RATING
Rating
Symbol
Value
Unit
DC Blocking Voltage
VR
18
Volts
Average Forward Current
(Single Phase, Resistive Load,
TC = 185°C)
IO
40
Amps
Peak Repetitive Reverse Surge Current
(Time Constant = 10 ms, TC = 25°C)
(Time Constant = 80 ms, TC = 25°C)
IRSM
IRSM
110
50
Amps
Non−Repetitive Peak Surge Current
(Halfwave, Single Phase, 50 Hz)
IFSM
500
Amps
Storage Temperature Range
Tstg
−40 to
+200
°C
Maximum Operating Junction
Temperature
TJ
200
°C
Device
Package
Shipping
ORDERING INFORMATION
N SUFFIX
(Anode to Cup)
P SUFFIX
(Cathode to Cup)
CASE 193A
http://onsemi.com
MR4027N
Button Can
5000 Units/Box
MR4027P
Button Can
5000 Units/Box
MARKING DIAGRAM
NL
= Location Code
1N or 1P = Device Code and Polarity
YY
= Year
WW
= Work Week
###
= Assembly Lot Number


Similar Part No. - MR4027N

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MR4020 SHINDENGEN-MR4020 Datasheet
1Mb / 43P
   Partial Resonance Power Supply ICModule
logo
Mechatronics, Inc.
MR4020 MECHATRONICS-MR4020 Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
MR4020E MECHATRONICS-MR4020E Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
MR4020H MECHATRONICS-MR4020H Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
MR4020L MECHATRONICS-MR4020L Datasheet
497Kb / 1P
   UL94V-0 plastic impeller and frame
More results

Similar Description - MR4027N

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
6K24-G COMCHIP-6K24-G Datasheet
243Kb / 2P
   Automotive Transient Voltage Suppressor
logo
EIC discrete Semiconduc...
MR2535L-Q EIC-MR2535L-Q Datasheet
370Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 08, 2019
logo
New Jersey Semi-Conduct...
MR2535L NJSEMI-MR2535L Datasheet
173Kb / 2P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
MR2540 EIC-MR2540_V01 Datasheet
138Kb / 1P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
MR2540L EIC-MR2540L_V01 Datasheet
331Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04 : April 1, 2008
logo
General Semiconductor
1.5KA6.8 GE-1.5KA6.8 Datasheet
56Kb / 4P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
logo
ON Semiconductor
MR4045 ONSEMI-MR4045 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 2
logo
EIC discrete Semiconduc...
MR2535AL EIC-MR2535AL Datasheet
216Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2540AL EIC-MR2540AL Datasheet
315Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 05:November 10, 2010
MR2535L EIC-MR2535L_V01 Datasheet
225Kb / 3P
   AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSOR
Rev. 04:February 25, 2008
logo
ON Semiconductor
MR3227 ONSEMI-MR3227 Datasheet
127Kb / 4P
   Automotive Transient Voltage Suppressor
September, 2006 ??Rev. 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com