Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX595M Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74LVX595M
Description  8?묪it Shift Register
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX595M Datasheet(HTML) 4 Page - ON Semiconductor

  MC74LVX595M Datasheet HTML 1Page - ON Semiconductor MC74LVX595M Datasheet HTML 2Page - ON Semiconductor MC74LVX595M Datasheet HTML 3Page - ON Semiconductor MC74LVX595M Datasheet HTML 4Page - ON Semiconductor MC74LVX595M Datasheet HTML 5Page - ON Semiconductor MC74LVX595M Datasheet HTML 6Page - ON Semiconductor MC74LVX595M Datasheet HTML 7Page - ON Semiconductor MC74LVX595M Datasheet HTML 8Page - ON Semiconductor MC74LVX595M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MC74LVX595
http://onsemi.com
4
MAXIMUM RATINGS*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
–0.5 to + 7.0
V
Vin
DC Input Voltage
–0.5 to + 7.0
V
Vout
DC Output Voltage
−0.5 to VCC + 0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
±20
mA
Iout
DC Output Current, per Pin
±25
mA
ICC
DC Supply Current, VCC and GND Pins
±50
mA
PD
Power Dissipation in Still Air, SOIC Packages†
TSSOP Package†
200
180
mW
Tstg
Storage Temperature
–65 to + 150
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may
adversely affect device reliability. Functional operation under absolute−maximum−rated
conditions is not implied.
†Derating — SOIC Packages: – 7.0 mW/°C from 65° to 125°C
— TSSOP Package: − 6.1 mW/°C from 65° to 125°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
3.6
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
VCC
V
TA
Operating Temperature Range
−55
+85
°C
tr, tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
0
100
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Test Conditions
VCC
(V)
TA = 25°C
TA ≤ 85°C
Unit
Min
Typ
Max
Min
Max
VIH
High−Level Input Voltage
2.0
3.0
3.6
1.5
2.1
2.4
1.5
2.1
2.4
V
VIL
Low−Level Input Voltage
2.0
3.0
3.6
0.5
0.8
0.8
0.5
0.8
0.8
V
VOH
High−Level Output Voltage
(VIN= VIH or VIL)
IOH = −50 mA
IOH = −50 mA
IOH = −4 mA
2.0
3.0
3.0
1.9
2.9
2.58
2.0
3.0
1.9
2.9
2.48
V
VOL
Low−Level Output Voltage
(VIN= VIH or VIL)
IOL = 50 mA
IOL = 50 mA
IOL = 4 mA
2.0
3.0
3.0
0.0
0.0
0.1
0.1
0.36
0.1
0.1
0.44
V
IOZ
3−State Output
Off−State Current
VIN= VIH or VIL
VOUT = VCC or GND
3.6
±0.25
±2.5
mA
IIN
Input Leakage Current
Vin = 5.5 V or GND
0 to
3.6
±0.1
±1.0
mA
ICC
Quiescent Supply Current
Vin = VCC or GND
3.6
4.0
40.0
mA
This device contains protection
circuitry to guard against damage
due to high static voltages or electric
fields. However, precautions must
be taken to avoid applications of any
voltage higher than maximum rated
voltages to this high−impedance cir-
cuit. For proper operation, Vin and
Vout should be constrained to the
range GND v (Vin or Vout) v VCC.
Unused inputs must always be
tied to an appropriate logic voltage
level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - MC74LVX595M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX50 ONSEMI-MC74LVX50 Datasheet
149Kb / 10P
   HEX BUFFER
March, 2005 ??Rev. 3
MC74LVX50 ONSEMI-MC74LVX50 Datasheet
160Kb / 9P
   Hex Buffer
August, 2014 ??Rev. 5
MC74LVX50D ONSEMI-MC74LVX50D Datasheet
149Kb / 10P
   HEX BUFFER
March, 2005 ??Rev. 3
MC74LVX50DG ONSEMI-MC74LVX50DG Datasheet
149Kb / 10P
   HEX BUFFER
March, 2005 ??Rev. 3
MC74LVX50DG ONSEMI-MC74LVX50DG Datasheet
180Kb / 11P
   Hex Buffer
May, 2011 ??Rev. 4
More results

Similar Description - MC74LVX595M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC164A ONSEMI-MC74HC164A_06 Datasheet
184Kb / 11P
   8?묪it Serial?묲nput/Parallel?뭀utput Shift Register
October, 2006 ??Rev. 4
MC10H141 ONSEMI-MC10H141_06 Datasheet
149Kb / 6P
   Four?묪it Universal Shift Register
February, 2006 ??Rev. 8
MC14517B ONSEMI-MC14517B_06 Datasheet
90Kb / 6P
   Dual 64?묪it Static Shift Register
June, 2006 ??Rev. 6
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com