Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LV594A Datasheet(PDF) 8 Page - ON Semiconductor

Part # MC74LV594A
Description  8-Bit Shift Register
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LV594A Datasheet(HTML) 8 Page - ON Semiconductor

Back Button MC74LV594A Datasheet HTML 4Page - ON Semiconductor MC74LV594A Datasheet HTML 5Page - ON Semiconductor MC74LV594A Datasheet HTML 6Page - ON Semiconductor MC74LV594A Datasheet HTML 7Page - ON Semiconductor MC74LV594A Datasheet HTML 8Page - ON Semiconductor MC74LV594A Datasheet HTML 9Page - ON Semiconductor MC74LV594A Datasheet HTML 10Page - ON Semiconductor MC74LV594A Datasheet HTML 11Page - ON Semiconductor MC74LV594A Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MC74LV594A
www.onsemi.com
8
AC CHARACTERISTICS (See Figure 3)
Symbol
Paraeter
Load
Condi-
tions
Input to Output
VCC, (V)
Guaranteed Limits
Unit
TA = 255C
TA = −555C to
125
5C
Min
Typ
Max
Min
Max
fMAX
CL = 15 pF
2.3 – 2.7
65
80
45
MHz
3.0 – 3.6
80
120
70
4.5 – 5.5
135
170
115
CL = 50 pF
2.3 – 2.7
50
51
40
3.0 – 3.6
70
74
55
4.5 – 5.5
115
120
90
tPLH
Propagation
Delay Low to
High
CL = 15 pF
RCLK to
QA−QH
2.3 – 2.7
27.5
1
32.5
ns
3.0 – 3.6
18
1
22.5
4.5 – 5.5
12
1
15
SRCLK to QH’
2.3 – 2.7
27.5
1
32
3.0 – 3.6
18
1
22
4.5 – 5.5
12.5
1
12
CL = 50 pF
RCLK to
QA−QH
2.3 – 2.7
22.1
25.0
1
30.0
3.0 – 3.6
15.6
17.5
1
21.0
4.5 – 5.5
11.5
12.5
1
15.5
SRCLK to QH’
2.3 – 2.7
21.6
25.5
1
29.5
3.0 – 3.6
15.2
18.0
1
21.0
4.5 – 5.5
10.9
12.5
1
15.0


Similar Part No. - MC74LV594A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVQ00 MOTOROLA-MC74LVQ00 Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00D MOTOROLA-MC74LVQ00D Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00DT MOTOROLA-MC74LVQ00DT Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00M MOTOROLA-MC74LVQ00M Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
MC74LVQ00SD MOTOROLA-MC74LVQ00SD Datasheet
179Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
More results

Similar Description - MC74LV594A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74ACT164F TOSHIBA-TC74ACT164F Datasheet
281Kb / 7P
   8 BIT SHIFT REGISTER
TC7MH165FK TOSHIBA-TC7MH165FK Datasheet
292Kb / 7P
   8-BIT SHIFT REGISTER
logo
Micrel Semiconductor
SY10E141 MICREL-SY10E141_06 Datasheet
63Kb / 4P
   8-BIT SHIFT REGISTER
logo
List of Unclassifed Man...
GD4021B ETC1-GD4021B Datasheet
67Kb / 2P
   8-BIT SHIFT REGISTER
logo
Renesas Technology Corp
HD74LS166A RENESAS-HD74LS166A Datasheet
101Kb / 8P
   8-bit Shift Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com