Electronic Components Datasheet Search |
|
LE25U40PCMC Datasheet(PDF) 3 Page - ON Semiconductor |
|
LE25U40PCMC Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 23 page LE25U40PCMC www.onsemi.com 3 Figure 2 Block Diagram Table 1 Pin Description Symbol Pin Name Description SCK Serial clock This pin controls the data input/output timing. The input data and addresses are latched synchronized to the rising edge of the serial clock, and the data is output synchronized to the falling edge of the serial clock. SI/SIO0 Serial data input / Serial data input output The data and addresses are input from this pin, and latched internally synchronized to the rising edge of the serial clock. It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O. SO/SIO1 Serial data input / Serial data input output The data stored inside the device is output from this pin synchronized to the falling edge of the serial clock. It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O. CS Chip select The device becomes active when the logic level of this pin is low; it is deselected and placed in standby status when the logic level of the pin is high. WP Write protect The status register write protect (SRWP) takes effect when the logic level of this pin is low. HOLD Hold Serial communication is suspended when the logic level of this pin is low. VDD Power supply This pin supplies the 2.3 to 3.6V supply voltage. VSS Ground This pin supplies the 0V supply voltage. 4M Bit Flash EEPROM Cell Array Y-DECODER I/O BUFFERS & DATA LATCHES CS SCK SI/SIO0 HOLD WP SO/SIO1 X- DECODER ADDRESS BUFFERS & LATCHES SERIAL INTERFACE CONTROL LOGIC |
Similar Part No. - LE25U40PCMC |
|
Similar Description - LE25U40PCMC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |