Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM73308 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SM73308
Description  Low Offset, Low Noise, RRO Operational Amplifier
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SM73308 Datasheet(HTML) 1 Page - Texas Instruments

  SM73308 Datasheet HTML 1Page - Texas Instruments SM73308 Datasheet HTML 2Page - Texas Instruments SM73308 Datasheet HTML 3Page - Texas Instruments SM73308 Datasheet HTML 4Page - Texas Instruments SM73308 Datasheet HTML 5Page - Texas Instruments SM73308 Datasheet HTML 6Page - Texas Instruments SM73308 Datasheet HTML 7Page - Texas Instruments SM73308 Datasheet HTML 8Page - Texas Instruments SM73308 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
V
+
VOUT
+IN
GND
-IN
5
4
1
2
3
+
-
SM73308
www.ti.com
SNOSB90B – JUNE 2011 – REVISED APRIL 2013
Low Offset, Low Noise, RRO Operational Amplifier
Check for Samples: SM73308
1
FEATURES
DESCRIPTION
The SM73308 is a single low noise precision
23
(Unless Otherwise Noted, Typical Values at VS
operational amplifier intended for use in a wide range
= 2.7V)
of
applications.
Other
important
characteristics
Renewable Energy Grade
include: an extended operating temperature range of
Ensured 2.7V and 5V Specifications
−40°C to 125°C, the tiny SC70-5 package, and low
input bias current.
Maximum VOS 850μV (Limit)
The extended temperature range of
−40°C to 125°C
Voltage noiseN
allows the SM73308 to accommodate a broad range
f = 100 Hz 12.5nV/
√Hz
of applications. The SM73308 expands TI’s Silicon
f = 10 kHz 7.5nV/
√Hz
Dust™ amplifier portfolio offering enhancements in
Rail-to-Rail Output Swing
size, speed, and power savings. The SM73308 is
ensured to operate over the voltage range of 2.7V to
RL = 600Ω 100mV From Rail
5.0V and has rail-to-rail output.
RL = 2kΩ 50mV From Rail
The SM73308 is designed for precision, low noise,
Open Loop Gain With RL = 2kΩ 100dB
low voltage, and miniature systems. This amplifier
VCM 0 to V
+ −0.9V
provides rail-to-rail output swing into heavy loads.
Supply Current 550µA
The maximum input offset is 850
μV at room
temperature and the input common mode voltage
Gain Bandwidth Product 3.5MHz
range includes ground.
Temperature Range
−40°C to 125°C
The SM73308 is offered in the tiny SC70-5 package.
APPLICATIONS
Transducer Amplifier
Instrumentation Amplifier
Precision Current Sensing
Data Acquisition Systems
Active Filters and Buffers
Sample and Hold
Portable/battery Powered Electronics
Automotive
Connection Diagram
Figure 1. SC70-5 – Top View
See Package Number DCK
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Silicon Dust is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SM73308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
SM73308MG TI1-SM73308MG Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
SM73308MGE TI1-SM73308MGE Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
SM73308MGX TI1-SM73308MGX Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
More results

Similar Description - SM73308

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM73308 TI1-SM73308 Datasheet
1Mb / 22P
[Old version datasheet]   SM73308 Low Offset, Low Noise, RRO Operational Amplifier
logo
List of Unclassifed Man...
AMP771 ETC2-AMP771 Datasheet
65Kb / 2P
   Low Offset RRO Operational Amplifier
logo
National Semiconductor ...
LMV771 NSC-LMV771 Datasheet
844Kb / 21P
   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Texas Instruments
LMV771 TI-LMV771_15 Datasheet
1Mb / 34P
[Old version datasheet]   Single/Dual/Quad, Low Offset, Low Noise, RRO Operational Amplifiers
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Texas Instruments
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_15 Datasheet
487Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
OP-227 AD-OP-227 Datasheet
735Kb / 12P
   DUAL, LOW-NOISE LOW OFFSET INSTRUMENTATION OPERATIONAL AMPLIFIER
OP227 AD-OP227 Datasheet
481Kb / 16P
   Dual, Low Noise, Low Offset Instrumentation Operational Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com