Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSF2306 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF2306
Description  30V N-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2306 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF2306_15 Datasheet HTML 1Page - GOOD-ARK Electronics SSF2306_15 Datasheet HTML 2Page - GOOD-ARK Electronics SSF2306_15 Datasheet HTML 3Page - GOOD-ARK Electronics SSF2306_15 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SSF2306
30V N-Channel MOSFET
www.goodark.com
Page 1 of 4
Rev.1.0
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
2306
SSF2306
SOT-23
Ø180mm
8 mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
±12
V
ID
5
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
20
A
Maximum Power Dissipation
PD
1.38
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
90
/W
GENERAL FEATURES
● VDS = 30V,ID = 5A
RDS(ON) < 50mΩ @ VGS=2.5V
RDS(ON) < 35mΩ @ VGS=4.5V
RDS(ON) < 30mΩ @ VGS=10V
● High Power and current handing capability
● Lead free product
● Surface Mount Package
DESCRIPTION
The SSF2306 uses advanced trench
technology to provide excellent RDS(ON),
low gate charge and operation with gate
voltages as low as 2.5V.
APPLICATIONS
●Battery protection
●Load switch
●Power management
Schematic Diagram
Marking and Pin Assignment
SOT-23 Top View
D
G
S
1
3
2
G
D
S
2 3 0 6


Similar Part No. - SSF2306_15

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF2306B SILIKRON-SSF2306B Datasheet
309Kb / 5P
   Battery protection
More results

Similar Description - SSF2306_15

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com