Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333-HT Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA2333-HT
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2333-HT Datasheet(HTML) 2 Page - Texas Instruments

  OPA2333-HT_15 Datasheet HTML 1Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 2Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 3Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 4Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 5Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 6Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 7Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 8Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
OPA2333-HT
SBOS483H – JULY 2009 – REVISED NOVEMBER 2013
www.ti.com
Table 1. ORDERING INFORMATION(1)
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
OPA2333SKGD1
KGD
NA
OPA2333SKGD2
–55°C to 210°C
JD
OPA2333SJD
OPA2333SJD
HKJ
OPA2333SHKJ
OPA2333SHKJ
HKQ
OPA2333SHKQ
OPA2333SHKQ
–55°C to 175°C
D
OPA2333HD
O2333H
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
BARE DIE INFORMATION
BACKSIDE
BOND PAD
DIE THICKNESS
BACKSIDE FINISH
POTENTIAL
METALLIZATION COMPOSITION
15 mils.
Silicon with backgrind
V-
Al-Si-Cu (0.5%)
Table 2. BOND PAD COORDINATES
DESCRIPTION
PAD NUMBER
a
b
c
d
OUT A
1
21.20
1288.50
97.20
1364.50
–IN A
2
21.20
923.65
97.20
999.65
+IN A
3
21.20
533.05
97.20
609.05
V–
4
31.30
172.20
107.30
248.20
+IN B
5
864.80
162.25
940.80
238.25
–IN B
6
864.80
552.65
940.80
628.65
OUT B
7
864.80
897.10
940.80
973.10
V+
8
854.70
1280.45
930.70
1356.45
2
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: OPA2333-HT


Similar Part No. - OPA2333-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com