Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2333-HT Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA2333-HT
Description  1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA2333-HT Datasheet(HTML) 1 Page - Texas Instruments

  OPA2333-HT_15 Datasheet HTML 1Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 2Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 3Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 4Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 5Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 6Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 7Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 8Page - Texas Instruments OPA2333-HT_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
HKQ PACKAGE
(TOP VIEW)
8
5
4
1
HKQ as formed or HKJ mounted dead bug
OUT A
-IN A
+IN A
V-
+IN B
-IN B
OUT B
V+
1
2
3
4
8
7
6
5
D, JD OR HKJ PACKAGE
(TOP VIEW)
OUT A
-IN A
+IN A
V-
+IN B
-IN B
OUT B
V+
OPA2333-HT
www.ti.com
SBOS483H – JULY 2009 – REVISED NOVEMBER 2013
1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER
ZERO-DRIFT SERIES
Check for Samples: OPA2333-HT
1
FEATURES
Low Offset Voltage: 26
μV (Max)
0.01-Hz to 10-Hz Noise: 1.5
μVPP
Quiescent Current: 50
μA
Single-Supply Operation
Supply Voltage: 1.8 V to 5.5 V
Rail-to-Rail Input/Output
APPLICATIONS
Down-Hole Drilling
High Temperature Environments
SUPPORTS EXTREME TEMPERATURE
APPLICATIONS
Controlled Baseline
One Assembly/Test Site
One Fabrication Site
Available in Extreme (–55°C/210°C)
Temperature Range (1)
Extended Product Life Cycle
Extended Product-Change Notification
Product Traceability
Texas Instruments' high temperature products
utilize highly optimized silicon (die) solutions
with design and process enhancements to
maximize performance over extended
temperatures.
(1)
Custom temperature ranges available
DESCRIPTION/ORDERING INFORMATION (2)
The OPA2333 series of CMOS operational amplifiers uses a proprietary auto-calibration technique to
simultaneously provide very low offset voltage and near-zero drift over time and temperature. These miniature,
high-precision, low-quiescent-current amplifiers offer high-impedance inputs that have a common-mode range
100 mV beyond the rails, and rail-to-rail output that swings within 150 mV of the rails. Single or dual supplies as
low as 1.8 V (±0.9 V) and up to 5.5 V (±2.75 V) may be used. They are optimized for low-voltage single-supply
operation.
The OPA2333 family offers excellent common-mode rejection ratio (CMRR) without the crossover associated
with traditional complementary input stages. This design results in superior performance for driving analog-to-
digital converters (ADCs) without degradation of differential linearity.
(2)
Refer to Electrical Characteristics for performance degradation over temperature.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA2333-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
More results

Similar Description - OPA2333-HT_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2333P TI1-OPA2333P Datasheet
1Mb / 26P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifier, Zero-Drift
OPA2333-Q1 TI1-OPA2333-Q1 Datasheet
409Kb / 16P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-HT TI1-OPA2333-HT Datasheet
520Kb / 23P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA2333-Q1 TI-OPA2333-Q1_15 Datasheet
984Kb / 20P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI1-OPA333-Q1 Datasheet
493Kb / 18P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333-Q1 TI-OPA333-Q1_15 Datasheet
430Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIER ZERO-DRIFT SERIES
OPA333A-EP TI-OPA333A-EP Datasheet
610Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
OPA333 TI1-OPA333_17 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333 TI-OPA333_15 Datasheet
1Mb / 33P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
OPA333A-EP TI-OPA333A-EP_09 Datasheet
575Kb / 19P
[Old version datasheet]   1.8-V MICROPOWER CMOS OPERATIONAL AMPLIFIERS ZERO-DRIFT SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com