Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS7785 Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # QS7785
Description  3D 2/4-Channel Stereo Surround Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785 Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  QS7785 Datasheet HTML 1Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 2Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—3
PIN DESCRIPTION
Number
Name
I/O
Description
Parallel
Serial
1
QXCC4
O
QEXPANDER C capacitor 4
2
QXDC1
I
QEXPANDER D capacitor 1
3
QXDC2
O
QEXPANDER D capacitor 2
4
QXDC3
I
QEXPANDER D capacitor 3
5
QXDC4
O
QEXPANDER D capacitor 4
6
GND
Ground
7
VDD
4.5 to 5.5V digital supply
8
P/S
I
Input mode control (HIGH: parallel, LOW: serial)
9
SP
I
Enhancement control (HIGH: high spread, LOW: low spread)
STRB
I
Serial data strobe (not applicable to QS7785CF)
10
MONO
I
Mono-to-stereo convert select (HIGH: mono to stereo mode, LOW: normal mode)
11
AC
I
Center output control (HIGH: center on, LOW: center off)
12
BYP
I
Bypass control (HIGH: bypass, LOW: Qsurround)
SDA
I/O
Serial data input (also serves as ACK signal output for I2C bus)
13
SUR
I
Surround speaker control (HIGH: surround speaker on, LOW: off)
SCL
I
Serial clock signal input
14
BASS
I
Bass boost mode control (HIGH: bass boost on, LOW: bass boost off)
15
MUTE
I
Mute signal control (HIGH: mute on, LOW: mute off)
16
PSAVE
I
Power save control (HIGH: power save on, LOW: power save off)
17
VREFOUT
O
VCC/2 reference voltage output
18
NC
No connection
19
VREFIN
I
VCC/2 reference voltage output (biased internally to VCC/2)
20
LPC
I
Center output lowpass filter
21
CIN
I
COUT output signal feedback input for front-channel output
22
COUT
O
Center signal output
23
SLOUT
O
Surround left-channel signal output
24
SROUT
O
Surround right-channel signal output
25
FLOUT
O
Front left-channel signal output
26
FROUT
O
Front right-channel signal output
27
QXBC4
O
QEXPANDER B capacitor 4
28
QXBC3
I
QEXPANDER B capacitor 3
29
QXBC2
O
QEXPANDER B capacitor 2
30
QXBC1
I
QEXPANDER B capacitor 1
31
VCC
5 to 13V DC analog supply
32
QXAC4
O
QEXPANDER A capacitor 4
33
QXAC3
I
QEXPANDER A capacitor 3
34
QXAC2
O
QEXPANDER A capacitor 2
35
QXAC1
I
QEXPANDER A capacitor 1
36
BASC1
I
Bass boost right-channel signal input


Similar Part No. - QS7785

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777CF NPC-QS7777CF Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777PF NPC-QS7777PF Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7779CM NPC-QS7779CM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
More results

Similar Description - QS7785

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
Nippon Precision Circui...
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Sony Corporation
CXA1673M SONY-CXA1673M Datasheet
133Kb / 8P
   2 CHANNEL SURROUND
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Sanyo Semicon Device
LA2615 SANYO-LA2615 Datasheet
46Kb / 7P
   Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com