Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA857 Datasheet(PDF) 11 Page - Texas Instruments

Part # OPA857
Description  OPA857 Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA857 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA857_15 Datasheet HTML 7Page - Texas Instruments OPA857_15 Datasheet HTML 8Page - Texas Instruments OPA857_15 Datasheet HTML 9Page - Texas Instruments OPA857_15 Datasheet HTML 10Page - Texas Instruments OPA857_15 Datasheet HTML 11Page - Texas Instruments OPA857_15 Datasheet HTML 12Page - Texas Instruments OPA857_15 Datasheet HTML 13Page - Texas Instruments OPA857_15 Datasheet HTML 14Page - Texas Instruments OPA857_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
0
500
1000
1500
2000
2500
Quiescent Current (mA)
C028
22.9
23
23.1
23.2
23.3
23.4
23.5
23.6
±50
±25
0
25
50
75
100
125
Temperature (
ƒC)
4.5 k
Ÿ
18.2 k
Ÿ
C029
0
500
1000
1500
2000
2500
Quiescent Current (mA)
C027
±95
±90
±85
±80
±75
±70
±65
±60
±55
±50
±45
-50
-25
0
25
50
75
100
125
Temperature (
ƒC)
HD2
HD3
C026
±95
±90
±85
±80
±75
±70
±65
±60
±55
±50
±45
-50
-25
0
25
50
75
100
125
Temperature (
ƒC)
HD2
HD3
C025
±90
±85
±80
±75
±70
±65
±60
±55
±50
±45
±40
2.1
2.4
2.7
3
3.3
3.6
Supply Voltage (V)
HD2
HD3
C024
OPA857
www.ti.com
SBOS630C – DECEMBER 2013 – REVISED APRIL 2014
Typical Characteristics (continued)
At TA = +25°C, CS = 1.5 pF, and RL = 500 Ω differential between OUT and OUTN (unless otherwise noted).
TZ Gain: 18.2 kΩ
TA = +25 °C
TZ Gain: 4.5 kΩ
RLOAD = 5 kΩ
f = 50 MHz
RLOAD = 5 kΩ
f = 50 MHz
Figure 25. Harmonic Distortion vs Supply Voltage
Figure 26. Harmonic Distortion vs Temperature
TZ Gain: 18.2 kΩ
RLOAD = 5 kΩ
f = 50 MHz
Figure 27. Harmonic Distortion vs Temperature
Figure 28. 18.2-k
Ω IQ Histogram
Figure 29. 4.5-k
Ω IQ Histogram
Figure 30. Quiescent Current vs Temperature
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: OPA857


Similar Part No. - OPA857_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857IRGTR TI1-OPA857IRGTR Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
OPA857IRGTT TI1-OPA857IRGTT Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
OPA857TD1 TI1-OPA857TD1 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
OPA857TD2 TI1-OPA857TD2 Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
More results

Similar Description - OPA857_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
[Old version datasheet]   Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
   Wideband/Differential Output Transimpedance Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com