Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA835 Datasheet(PDF) 10 Page - Texas Instruments

Part # OPA835
Description  OPAx835 Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA835 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA835_15 Datasheet HTML 6Page - Texas Instruments OPA835_15 Datasheet HTML 7Page - Texas Instruments OPA835_15 Datasheet HTML 8Page - Texas Instruments OPA835_15 Datasheet HTML 9Page - Texas Instruments OPA835_15 Datasheet HTML 10Page - Texas Instruments OPA835_15 Datasheet HTML 11Page - Texas Instruments OPA835_15 Datasheet HTML 12Page - Texas Instruments OPA835_15 Datasheet HTML 13Page - Texas Instruments OPA835_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
OPA835, OPA2835
SLOS713H – JANUARY 2011 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics: VS = 5 V (continued)
Test conditions unless otherwise noted: VS+ = +5 V, VS– = 0 V, VOUT = 2 VPP, RF = 0 Ω, RL = 2 kΩ, G = 1 V/V, input and output
referenced to mid-supply. TA = 25°C, unless otherwise noted.
TEST
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
LEVEL(1)
AC PERFORMANCE (continued)
f = 10 kHz
–139
Third-order harmonic distortion
f = 100 kHz
–122
dBc
C
f = 1 MHz
-73
Second-order intermodulation
f = 1 MHz, 200-kHz Tone Spacing,
–70
dBc
C
distortion
VOUT Envelope = 2 VPP
f = 1 MHz, 200-kHz Tone Spacing,
Third-order intermodulation distortion
–83
dBc
C
VOUT Envelope = 2 VPP
0.00015%
Signal-to-noise ratio, SNR
f = 1 kHz, VOUT = 1 VRMS, 22-kHz bandwidth
C
–116.4
dBc
0.00003%
C
Total harmonic distortion, THD
f = 1 kHz, VOUT = 1 VRMS
–130
dBc
C
Input voltage noise
f = 100 kHz
9.3
nV/
√Hz
C
Voltage noise 1/f corner frequency
147
Hz
C
Input current noise
f = 1 MHz
0.45
pA/
√Hz
C
Current noise 1/f corner frequency
14.7
Hz
C
Overdrive recovery time, over/under
Overdrive = 0.5 V
195/135
ns
C
Closed-loop output impedance
f = 100 kHz
0.028
Ω
C
Channel to channel crosstalk
f = 10 kHz
–120
dB
C
(OPA2835)
DC PERFORMANCE
Open-loop voltage gain (AOL)
100
120
dB
A
TA = 25°C
–500
±100
500
A
TA = 0°C to 70°C
–880
880
Input referred offset voltage
µV
TA = –40°C to 85°C
–1040
1040
B
TA = –40°C to 125°C
–1850
1850
TA = 0°C to 70°C
–8.5
±1.4
8.5
Input offset voltage drift(2)
TA = –40°C to 85°C
–9
±1.5
9
µV/°C
B
TA = –40°C to 125°C
–13.5
±2.25
13.5
TA = 25°C
50
200
400
A
TA = 0°C to 70°C
47
410
Input bias current(3)
nA
TA = –40°C to 85°C
45
425
B
TA = –40°C to 125°C
45
530
TA = 0°C to 70°C
–1.4
±0.25
1.4
Input bias current drift(2)
TA = –40°C to 85°C
–1.05
±0.175
1.05
nA/°C
B
TA = –40°C to 125°C
–1.1
±0.185
1.1
TA = 25°C
–100
±13
100
A
TA = 0°C to 70°C
–100
±13
100
Input offset current
nA
TA = –40°C to 85°C
–100
±13
100
B
TA = –40°C to 125°C
–100
±13
100
TA = 0°C to 70°C
–1.23
±0.205
1.23
Input offset current drift(2)
TA = –40°C to 85°C
–0.94
±0.155
0.94
nA/°C
B
TA = –40°C to 125°C
–0.94
±0.155
0.94
(2)
Input Offset Voltage Drift, Input Bias Current Drift, and Input Offset Current Drift are average values calculated by taking data at the end
points, computing the difference, and dividing by the temperature range.
(3)
Current is considered positive out of the pin.
10
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: OPA835 OPA2835


Similar Part No. - OPA835_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
More results

Similar Description - OPA835_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA835 TI1-OPA835_16 Datasheet
2Mb / 57P
[Old version datasheet]   Ultralow-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
National Semiconductor ...
OPA2835 NSC-OPA2835 Datasheet
2Mb / 53P
   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
logo
Texas Instruments
OPA835_1110 TI1-OPA835_1110 Datasheet
1Mb / 49P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA836 TI1-OPA836 Datasheet
1Mb / 49P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OCTOBER2011
OPA2835-DIE TI1-OPA2835-DIE Datasheet
107Kb / 5P
[Old version datasheet]   ULTRA LOW-POWER, RAIL-TO-RAIL OUT, NEGATIVE RAIL IN, VFB OP AMP
OPA836 TI1-OPA836_14 Datasheet
2Mb / 54P
[Old version datasheet]   Very Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
OPA835 TI1-OPA835 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
MAY2011
OPA835 TI1-OPA835_12 Datasheet
1Mb / 51P
[Old version datasheet]   Ultra Low-Power, Rail-to-Rail Out, Negative Rail In, VFB Op Amp
TLV197-Q1 TI1-TLV197-Q1 Datasheet
2Mb / 39P
[Old version datasheet]   TLVx197-Q1 Automotive, High-Voltage, Precision, Rail-to-Rail In, Rail-to-Rail Out Op Amp
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
   Rail-to-Rail Output Op Amp
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com