Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA659 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA659
Description  OPA659 Wideband, Unity-Gain Stable, JFET-Input Operational Amplifier
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA659 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA659_15 Datasheet HTML 5Page - Texas Instruments OPA659_15 Datasheet HTML 6Page - Texas Instruments OPA659_15 Datasheet HTML 7Page - Texas Instruments OPA659_15 Datasheet HTML 8Page - Texas Instruments OPA659_15 Datasheet HTML 9Page - Texas Instruments OPA659_15 Datasheet HTML 10Page - Texas Instruments OPA659_15 Datasheet HTML 11Page - Texas Instruments OPA659_15 Datasheet HTML 12Page - Texas Instruments OPA659_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
-
-
-
-
-
-
-
-
70
75
80
85
90
95
100
105
110
-
4.0
4.5
5.0
5.5
6.0
±SupplyVoltage(V)
6
Third
Harmonic
Second
Harmonic
f=10MHz
V
=
OUT
PP
Gain=+2V/V
R =100
L
W
2V
-50
60
70
80
90
100
110
-
-
-
-
-
-
0
2
4
6
V
(V
)
OUT
PP
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
W
R =100
f=10MHz
L
W
±
6
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
InvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
100
200
300
400
500
600
700
800
900
1k
R
( )
W
LOAD
Third
Harmonic
Second
Harmonic
V = 6.0V
Gain=1V/V
R =0
S
F
PP
W
V
=2V
f=10MHz
OUT
±
-50
60
70
80
90
100
110
-
-
-
-
-
-
1
10
100
Frequency(MHz)
Third
Harmonic
Second
Harmonic
V = 6.0V
G=1V/V
R =0
R =100
S
F
L
PP
W
W
V
=2V
OUT
±
-50
55
60
65
70
75
80
85
90
95
100
-
-
-
-
-
-
-
-
-
-
0
2
4
6
8
10
NoninvertingGain(V/V)
Third
Harmonic
Second
Harmonic
V = 6.0V
R =100
S
L
PP
W
V
=2V
f=10MHz
OUT
±
OPA659
www.ti.com
SBOS342C – DECEMBER 2008 – REVISED NOVEMBER 2015
At VS = ±6 V, RF = 0 Ω, G = 1 V/V, and RL = 100 Ω, unless otherwise noted.
Figure 13. Harmonic Distortion vs Frequency
Figure 14. Harmonic Distortion vs Noninverting Gain at
10 MHz
Figure 16. Harmonic Distortion vs Load Resistance at
Figure 15. Harmonic Distortion vs Inverting Gain at 10 MHz
10 MHz
Figure 17. Harmonic Distortion vs Output Voltage
Figure 18. Harmonic Distortion vs ±Supply Voltage
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: OPA659


Similar Part No. - OPA659_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA659IDBVR TI-OPA659IDBVR Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659IDBVR NSC-OPA659IDBVR Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA659IDBVR TI1-OPA659IDBVR Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
OPA659IDBVT TI-OPA659IDBVT Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659IDBVT NSC-OPA659IDBVT Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA659_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA659 TI-OPA659 Datasheet
930Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA659 NSC-OPA659 Datasheet
1Mb / 32P
   Wideband, Unity-Gain Stable, JFET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA655 TI1-OPA655 Datasheet
191Kb / 16P
[Old version datasheet]   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656 TI-OPA656 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
OPA656-DIE TI1-OPA656-DIE Datasheet
76Kb / 4P
[Old version datasheet]   WIDEBAND, UNITY-GAIN STABLE, FET-INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA655 BURR-BROWN-OPA655 Datasheet
222Kb / 14P
   Wideband, Unity Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656NB TI-OPA656NB Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
OPA656 NSC-OPA656 Datasheet
778Kb / 25P
   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA656 TI1-OPA656 Datasheet
1Mb / 33P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input Operational Amplifier
logo
Elantec Semiconductor
EL2041D ELANTEC-EL2041D Datasheet
303Kb / 1P
   Wideband Fast Settling Unity Gain Stable, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com