Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1641-03 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LXM1641-03
Description  DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1641-03 Datasheet(HTML) 2 Page - Microsemi Corporation

  LXM1641-03 Datasheet HTML 1Page - Microsemi Corporation LXM1641-03 Datasheet HTML 2Page - Microsemi Corporation LXM1641-03 Datasheet HTML 3Page - Microsemi Corporation LXM1641-03 Datasheet HTML 4Page - Microsemi Corporation LXM1641-03 Datasheet HTML 5Page - Microsemi Corporation LXM1641-03 Datasheet HTML 6Page - Microsemi Corporation LXM1641-03 Datasheet HTML 7Page - Microsemi Corporation LXM1641-03 Datasheet HTML 8Page - Microsemi Corporation LXM1641-03 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DIGITAL DIMMING QUAD LAMP CCFL INVERTER MODULE
LXM1641-01/-02/-03
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 0.7 12/99
2
P RELIMINAR Y D ATA S HEET
RangeMAXTM
RUN Mode
V
SLEEP (HI)
SLEEP Mode
V
SLEEP (LO)
Input Current
I
SLEEP
SLEEP = 5.0V
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Input Supply Voltage (V
IN) ....................................................................................................................................................... -0.3V to 16V
Output Voltage, no load .............................................................................................................................. Internally Limited to 1800V
RMS
Output Current ............................................................................................................................................ 10.0mA
RMS (Internally Limited)
Output Power (per Lamp) .................................................................................................................................................................... 6.0W
Input Signal Voltage (BRITE Input) ....................................................................................................................................... -0.3V to 6.5V
Input Signal Voltage (SLEEP, V
SYNC Inputs) ................................................................................................................................... -0.3V to VIN
Ambient Operating Temperature .................................................................................................................................................... 0°C to 70°C
Storage Temperature Range ......................................................................................................................................................... -40°C to 85°C
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with respect to Ground.
Currents are positive into, negative out of the specified terminal.
RECOMMENDED OPERA TING CONDITIONS (R.C.)
This module has been designed to operate over a wide range of input and output conditions. However, best efficiency and performance
will be obtained if the module is operated under the condition listed in the 'R.C.' column. Min. and Max. columns indicate values beyond
which the inverter, although operational, will not function optimally.
Input Supply Voltage Range (Functional)
LXM1641-01, -02
LXM1641-03
Input Supply Voltage
LXM1641-01, -02
(Fully Regulated Lamp Current)
LXM1641-03
Output Power (per Lamp)
P
O
Brightness Control Input Voltage Range
V
BRT ADJ
Lamp Operating Voltage
V
LAMP
Lamp Current (Full Brightness - per Lamp)
I
OLAMP
Operating Ambient Temperature Range
T
A
Parameter
Symbol
Units
Recommended Operating Conditions
Min.
R.C.
Max.
812
16
V
10
12
14
V
912
16
V
10.8
12
13.2
V
45
W
0.0
2.5
V
300
675
800
V
RMS
7.0
mA
RMS
070
°C
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specifications apply over the recommended operating conditions and 25°C ambient temperature for the LXM1641.
Full Bright Lamp Current
1641-01,-02
I
L (MAX)
V
BRT ADJ = 2.5VDC, SLEEP = HIGH, Burst Duty = 100%, VIN = 9VDC
(per Lamp)
1641-03
V
BRT ADJ = 2.5VDC, SLEEP = HIGH, Burst Duty = 100%, VIN = 12VDC
Minimum Lamp Current (per Lamp)
I
L (MIN)
V
BRT ADJ = 0VDC, SLEEP = HIGH, Burst Duty = 2%, VIN = 9VDC
(Notes 2 & 3)
V
BRT ADJ = -50mVDC, SLEEP = HIGH, Burst Duty = 0.5%, VIN = 9VDC
Lamp Start Voltage
V
LS
0°C < T
A < 40°C, VIN ≥ 10.8VDC
Operating Frequency
f
O
V
BRT ADJ = 2.5VDC, SLEEP = HIGH, VIN = 12VDC
Output Pin Characteristics
Parameter
Symbol
Test Conditions
Units
LXM1641-xx
Min.
Typ.
Max.
6.3
7.0
7.7
mA
RMS
7.2
8.0
8.8
mA
RMS
0.14
mA
RMS
0.035
mA
RMS
1500
1800
V
RMS
52
57
62
KHz
BRITE Input
Input Current
I
BRT
V
BRT ADJ = 0VDC
Input Voltage for Max. Lamp Current
V
C
I
O (LAMP) = 100% Duty Cycle
Input Voltage for Min. Lamp Current
V
C
I
O (LAMP) = 2% Duty Cycle
(Note 3)
I
O (LAMP) = 0.5% Duty Cycle
-6
-8
-10
µA
DC
2.5
2.6
V
DC
00
V
DC
-50
mV
DC
2.2
V
IN
V
DC
-0.3
0.8
V
DC
70
75
100
µA
DC
SLEEP Input
Note 2. Minimum lamp current required to maintain even light output may vary with display panel.
3. See 1000:1 Dimming Application section for details.


Similar Part No. - LXM1641-03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1640-01 MICROSEMI-LXM1640-01 Datasheet
184Kb / 5P
   DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXM1643-12-63 MICROSEMI-LXM1643-12-63 Datasheet
180Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
LXM1644-12-61 MICROSEMI-LXM1644-12-61 Datasheet
199Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results

Similar Description - LXM1641-03

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1614 MICROSEMI-LXM1614 Datasheet
323Kb / 9P
   DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1615-03-XX MICROSEMI-LXM1615-03-XX Datasheet
122Kb / 5P
   3.6/5V 2W, DIGITAL DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com