Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1640-01 Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LXM1640-01
Description  DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1640-01 Datasheet(HTML) 3 Page - Microsemi Corporation

  LXM1640-01 Datasheet HTML 1Page - Microsemi Corporation LXM1640-01 Datasheet HTML 2Page - Microsemi Corporation LXM1640-01 Datasheet HTML 3Page - Microsemi Corporation LXM1640-01 Datasheet HTML 4Page - Microsemi Corporation LXM1640-01 Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIRECT D RIVE Q UAD LAMP CCFL INVERTER M ODULE
LXM1640-01
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1998
Rev. 0.4
5/98
P RELIMINAR Y D AT A S HEET
FUNCTIONAL PIN DESCRIPTION
Conn.
Pin
Description
Input Power Supply. (10.8V
≤ V
IN ≤ 13.2V)
Power Supply Return.
ON/OFF Control. (2.2V < SLEEP < V
IN = ON, -0.3V < SLEEP < 0.8V = OFF)
Brightness Control (-0.3V to 5.0V
DC ).
5.0V
DC gives maximum lamp current.
No Connect.
No Connect.
CN1-1
V
IN
CN1-2
CN1-3
GND
CN1-4
CN1-5
SLEEP
CN1-6
BRITE
CN1-7
N.C.
CN1-8
N.C.
CN1
PHYSICAL DIMENSIONS
LXM1640-01
All dimensions are in inches (mm)
6.89 (175)
Ø 0.118 (3.0) Mtg. Hole, 2 Places
0.94
(24)
CN1
0.46 (11.8)
0.32 (8.25)
CN6
0.06 (1.52)
CN7
CN4
CN5
CN3
CN2
6.73 (171)
0.016 (4)
0.33 (8.5)
0.016
(4)
CN2 and CN3: Refer to Figure 1


Similar Part No. - LXM1640-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-02 MICROSEMI-LXM1641-02 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-03 MICROSEMI-LXM1641-03 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
More results

Similar Description - LXM1640-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1620-01 MICROSEMI-LXM1620-01 Datasheet
135Kb / 5P
   DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
LXM1610-01 MICROSEMI-LXM1610-01 Datasheet
124Kb / 4P
   DIRECT DRIVE CCFL INVERTER MODULE
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
   24V Quad 5W CCFL Inverter Module
LXMG1645-12-5X MICROSEMI-LXMG1645-12-5X Datasheet
228Kb / 8P
   12V Quad 5W CCFL Inverter Module
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
   12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com