Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8117A-28CDD Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX8117A-28CDD
Description  0.8, 1 & 1.2A LOW DROPOUT POSITIVE REGULATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8117A-28CDD Datasheet(HTML) 2 Page - Microsemi Corporation

  LX8117A-28CDD Datasheet HTML 1Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 2Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 3Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 4Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 5Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 6Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 7Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 8Page - Microsemi Corporation LX8117A-28CDD Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
0.8, 1 & 1.2A L OW DROPOUT POSITIVE REGULATORS
LX8117-xx/8117A-xx/8117B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1999
Rev. 1.4
3/99
2
P RODUCTION D ATA S HEET
ABSOLUTE MAXIMUM RATINGS
(Note 1)
Power Dissipation .................................................................................. Internally Limited
Input Voltage
LX8117-00/8117A-00/8117B-00 (Adj.) ..................................................................... 15V
LX8117-33/8117A-33/8117B-33 (3.3V), LX8117-05/8117A-05/8117B-05 (5.0V) .... 15V
LX8117-25/8117A-25/8117B-25 (2.5V), LX8117-28/8117A-28/8117B-28 (2.85V) .. 12V
Surge Voltage ............................................................................................................... 15V
Operating Junction Temperature
Plastic (ST, DD & DT Packages) .......................................................................... 150°C
Storage Temperature Range ...................................................................... -65°C to 150°C
Lead Temperature (Soldering, 10 seconds) ............................................................. 300°C
Short-Circuit Protection ....................................................................................... Indefinite
Note 1. Exceeding these ratings could cause damage to the device. All voltages are with
respect to Ground. Currents are positive into, negative out of the specified terminal.
PACKAGE PIN OUTS
3. IN
2. OUT
1. ADJ / GND
ST PACKAGE
(Top View)
3
2
1
DD PACKAGE (D2 Pak)
(Top View)
THERMAL DATA
TAB IS V
OUT
ST PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
15°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
*150°C/W
DD PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JT
10°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
*60°C/W
DT PACKAGE:
THERMAL RESISTANCE-JUNCTION TO TAB,
θθθθθ
JC
9°C/W
THERMAL RESISTANCE-JUNCTION TO AMBIENT,
θθθθθ
JA
*80°C/W
Junction Temperature Calculation: T
J
= T
A
+ (P
D
x
θ
JA
). The
θ
JA
numbers are guidelines for the
thermal performance of the device/pc-board system. All of the above assume no ambient airflow.
*
θ
JAcan be improved with package soldered to 0.5IN
2 copper area over backside ground
plane or internal power plane.
θ
JAcan vary from 20ºC/W to > 40ºC/W depending on
mounting technique. (See Application Notes Section: Thermal Considerations)
TAB IS V
OUT
BLOCK DIAGRAM
Thermal
Limit Circuit
Control
Circuit
Bandgap
Circuit
Output
Circuit
Bias
Circuit
V
OUT
V
IN
Current
Limit Circuit
ADJ
3. IN
2. OUT
1. ADJ / GND
DT PACKAGE (D-Pak)
(Top View)
TAB IS V
OUT
IN
OUT
ADJ / GND


Similar Part No. - LX8117A-28CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8117A-XXCDD MICROSEMI-LX8117A-XXCDD Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCDT MICROSEMI-LX8117A-XXCDT Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
LX8117A-XXCST MICROSEMI-LX8117A-XXCST Datasheet
375Kb / 11P
   0.8 , 1 & 1 .2A LOW DROPOUT POSI T I V E REGULATORS
More results

Similar Description - LX8117A-28CDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX1117 ETC-AX1117 Datasheet
208Kb / 7P
   1.2A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117 HSMC-H1117 Datasheet
162Kb / 8P
   1.2A Low Dropout Positive Voltage Regulator
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
LX8384-XX MICROSEMI-LX8384-XX Datasheet
216Kb / 8P
   5A LOW DROPOUT POSITIVE REGULATORS
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
LX8586 MICROSEMI-LX8586 Datasheet
266Kb / 9P
   6A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8582A-XX MICROSEMI-LX8582A-XX Datasheet
199Kb / 7P
   8.5A LOW DROPOUT POSITIVE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com