Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA365-EP Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA365-EP
Description  50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA365-EP Datasheet(HTML) 1 Page - Texas Instruments

  OPA365-EP_15 Datasheet HTML 1Page - Texas Instruments OPA365-EP_15 Datasheet HTML 2Page - Texas Instruments OPA365-EP_15 Datasheet HTML 3Page - Texas Instruments OPA365-EP_15 Datasheet HTML 4Page - Texas Instruments OPA365-EP_15 Datasheet HTML 5Page - Texas Instruments OPA365-EP_15 Datasheet HTML 6Page - Texas Instruments OPA365-EP_15 Datasheet HTML 7Page - Texas Instruments OPA365-EP_15 Datasheet HTML 8Page - Texas Instruments OPA365-EP_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
2
3
5
4
V+
–IN
+IN
V–
V
OUT
DBV PACKAGE
(TOP VIEW)
V
IN
V
OUT
C
2
2.2pF
R
2
2k
SD1
BAT17
C
1
10nF
R
1
7.5
V
V+
U1
U2
V
V+
OPA365
OPA365
OPA365-EP
www.ti.com
SLOS735
– AUGUST 2011
50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
Check for Samples: OPA365-EP
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
AND MEDICAL APPLICATIONS
Gain Bandwidth: 50 MHz
Controlled Baseline
Zero-Crossover Distortion Topology
One Assembly/Test Site
– Excellent THD+N: 0.0004%
One Fabrication Site
– CMRR: 96.5 dB (Min)
Available in Military (
–55°C/125°C),
– Rail-to-Rail Input and Output
Temperature Range(1)
– Input 100 mV Beyond Supply Rail
Extended Product Life Cycle
Low Noise: 4.5 nV/
√Hz at 100 kHz
Extended Product-Change Notification
Slew Rate: 25 V/
µs
Product Traceability
Fast Settling: 0.3
µs to 0.01%
Precision
– Low Offset: 100 µV
(Typical at 25
°C)
– Low Input Bias Current: 0.2 pA
(Typical at 25
°C)
2.2-V to 5.5-V Operation
(1)
Additional temperature ranges available - contact factory
DESCRIPTION
The OPA365 zero-crossover series, rail-to-rail, high-performance, CMOS operational amplifier is optimized for
very low voltage, single-supply applications. Rail-to-rail input/output, low-noise (4.5 nV/
√Hz) and high-speed
operation (50-MHz gain bandwidth) make this device ideal for driving sampling analog-to-digital converters
(ADCs). The OPA365 supports audio, signal conditioning, sensor amplification, defense, aerospace and medical
applications. The OPA365 is also well-suited for cell phone power amplifier control loops.
Special features include an excellent common-mode rejection ratio (CMRR), no input stage crossover distortion,
high input impedance, and rail-to-rail input and output swing. The input common-mode range includes both the
negative and positive supplies. The output voltage swing is within 10mV of the rails.
The OPA365 is available in the SOT23-5 package and is specified for operation from
−55°C to 125°C.
Figure 1. Fast Settling Peak Detector
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA365-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
More results

Similar Description - OPA365-EP_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA365-EP TI1-OPA365-EP Datasheet
495Kb / 19P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA2365-Q1 TI1-OPA2365-Q1 Datasheet
886Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA365-Q1 TI-OPA365-Q1_15 Datasheet
1,023Kb / 26P
[Old version datasheet]   50-MHz Low-Distortion High-CMRR Rail-to-Rail I/O, Single-Supply Operational Amplifier
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA363 TI-OPA363 Datasheet
728Kb / 27P
[Old version datasheet]   1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA4364-Q1 TI1-OPA4364-Q1 Datasheet
590Kb / 21P
[Old version datasheet]   1.8-V, 7-MHz, 90-dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364AIDBVRG4 TI-OPA364AIDBVRG4 Datasheet
1Mb / 37P
[Old version datasheet]   Single-Supply, Rail-to-Rail I/O Operational Amplifier
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
   Single Rail-to-Rail I/O Operational Amplifier
logo
Texas Instruments
OPA365 TI1-OPA365 Datasheet
692Kb / 24P
[Old version datasheet]   50MHz, Low-Distortion, High CMRR, RRI/O, Single-Supply OPERATIONAL AMPLIFIER
JUNE 2009
logo
SG Micro Corp
SGM8581 SGMICRO-SGM8581 Datasheet
455Kb / 13P
   single Rail-to-Rail I/O Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com