Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXM1614 Datasheet(PDF) 8 Page - Microsemi Corporation

Part # LXM1614
Description  DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXM1614 Datasheet(HTML) 8 Page - Microsemi Corporation

  LXM1614 Datasheet HTML 1Page - Microsemi Corporation LXM1614 Datasheet HTML 2Page - Microsemi Corporation LXM1614 Datasheet HTML 3Page - Microsemi Corporation LXM1614 Datasheet HTML 4Page - Microsemi Corporation LXM1614 Datasheet HTML 5Page - Microsemi Corporation LXM1614 Datasheet HTML 6Page - Microsemi Corporation LXM1614 Datasheet HTML 7Page - Microsemi Corporation LXM1614 Datasheet HTML 8Page - Microsemi Corporation LXM1614 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 8
Copyright
© 2000
Rev. 0.3b,2000-11-20
RangeMAX™
LXM1614-14-11
DUAL DIMMING, EXTENDED TEMPEERATURE CCFL INVERTER MODULE
PRELIMINARY DATASHEET
A
M I CROSEM I
COM P A N Y

   
     
 
WIDE RANGE DIMMING FUNCTION
Dimming can be controlled by a DC voltage (like a voltage
output DAC) or by a PWM signal (5V logic level PWM signal
from a micro controller). The PWM signal should be 400Hz to
4kHz, 0V to 5V, 0% to 100% duty cycle.
4.5 V
5.0 V
0.5 V
0.0 V
BRITE
Brightness
100%
1%
control range
  - Brightness as a function of the BRITE control (CN1-7)
AMPLITUDE BOOST FUNCTION
The Boost Function Control signal levels are the same as
the Dimming Control.
Less than 0.5V provides 4mA
maximum lamp current while 4.5V on Boost provides “max
boost” with a max lamp current of 9mA. Please note that
these maximum lamp current levels are protected by the on-
board thermister which limits the maximum lamp current
automatically as a function of temperature as seen in Figure
9.
4.5
0.5
0.0
Lamp Current (mArms)
9
IBOOST
4
boost mode
no boost mode
control range
5.0
VIN = 9V
Typical curve for 5.8” panel. Other
panels may be different.
  Maximum lamp current as a function of the Boost control
(CN1-6)
85
°C
0
25
-40
9.0
5.5
4.0
Lamp Current (mArms)
Temp
7.5
VIN = 9V
Typical curve for 5.8” panel.
Other panels may be different.
  Maximum lamp current as a function of ambient
temperature


Similar Part No. - LXM1614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
More results

Similar Description - LXM1614

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1614E-14-11 MICROSEMI-LXM1614E-14-11 Datasheet
299Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXMG1614E-14-11 MICROSEMI-LXMG1614E-14-11 Datasheet
341Kb / 9P
   DUAL DIMMING, EXTENDED TEMPERATURE CCFL INVERTER MODULE
LXM1622-12-XX MICROSEMI-LXM1622-12-XX Datasheet
239Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
   DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1622-05-XX MICROSEMI-LXM1622-05-XX Datasheet
243Kb / 6P
   DUAL 5W, DIGITAL DIMMING CCFL INVERTER MODULE
LXMG1611-01 MICROSEMI-LXMG1611-01 Datasheet
243Kb / 6P
   Digital Dimming CCFL Inverter Module
LXM1611-01 MICROSEMI-LXM1611-01 Datasheet
168Kb / 5P
   DIGIT DIMMING CCFL INVERTER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com