Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8587 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LX8587
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8587 Datasheet(HTML) 1 Page - Microsemi Corporation

  LX8587 Datasheet HTML 1Page - Microsemi Corporation LX8587 Datasheet HTML 2Page - Microsemi Corporation LX8587 Datasheet HTML 3Page - Microsemi Corporation LX8587 Datasheet HTML 4Page - Microsemi Corporation LX8587 Datasheet HTML 5Page - Microsemi Corporation LX8587 Datasheet HTML 6Page - Microsemi Corporation LX8587 Datasheet HTML 7Page - Microsemi Corporation LX8587 Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DESCRIPTION
KEY FEA TURES
s Three-Terminal Adjustable Or Fixed
Output
s Guaranteed
≤≤≤≤≤ 1.2V Headroom At 3A
(LX8587A)
s Guaranteed
≤≤≤≤≤ 1.3V Headroom At 3A
(LX8587)
s Output Current Of 3A
p Fast Transient Response
p 1% Voltage Reference Initial Accuracy
p Output Short Circuit Protection
p Built-In Thermal Shutdown
The LX8587/8587A series ICs are low
dropout three-terminal positive regulators
with a nominal 3A output current. Pen-
tium® Processor and Power PCTM appli-
cations requiring fast transient response
are ideally suited for this product family.
The LX8587A is guaranteed to have
< 1.2V dropout at 3A and the LX8587
< 1.3V at the same current, making
them ideal to provide well-regulated out-
puts of 2.5V to 3.6V using a 5V input
supply. Fixed versions are also available
and specified in the Available Options
table below.
Current limit is trimmed above 3.1A to
ensure adequate output current and con-
trolled short-circuit current.
On-chip
thermal limiting provides protection
against any combination of overload con-
ditions that would create excessive junc-
tion temperatures.
The LX8587/87A family of products are
available in both TO-220 through-hole
as well as TO-263 surface-mount pack-
ages.
For higher current applications,
see the LX8585 and LX8584 data sheets.
APPLICA TIONS
s Pentium Processor Supplies
s Power PC Supplies
s Microprocessor Supplies
s Low Voltage Logic Supplies
s Post Regulator For Switching Supply
s ASIC & Low Voltage Chipset Supplies
s Graphics & Sound Cards
s Processor I/O Supply
PRODUCT HIGHLIGHT
Note: All surface-mount packages are available in Tape & Reel.
Append the letter "T" to part number. (i.e. LX8587A-00CDDT)
"xx" refers to output voltage, please see table above.
TYPICAL APPLICATION OF THE LX8587/87A IN A 5V TO 3.3V MOTHERBOARD APPLICATION
LX8587A
200
W
1500µF
6MV1500GX
2x 1500µF
Sanyo
6MV1500GX
V
IN ³
4.75
3.3V/3A
121
W
The output capacitors must be low ESR and low ESL type for good transient response.
3A L OW D ROPOUT P OSITIVE R EGULATORS
P RODUCTION D AT A S HEET
T HE
I NFINITE
P OWER
OF
I NNOV A TION
LX8587-xx/8587A-xx
LIN D OC #: 8587
P ACKAGE ORDER INFORMA TION
T
A (°C)
Plastic TO-220
3-pin
P
Plastic TO-263
3-pin
DD
0 to 125
1.3V
LX8587-xxCP
LX8587-xxCDD
1.2V
LX8587A-xxCP
LX8587A-xxCDD
Dropout
Voltage
LX8587/87A-00
Adjustable
LX8587/87A-15
1.5V
LX8587/87A-33
3.3V
Part #
Output
Voltage
AVAILABLE O PTIONS PER PAR T #
Other voltage options may be available —
Please contact factory for details.
Copyright © 1998
Rev. 1.2
3/98
1
11861 WESTERN AVENUE, GARDEN GROVE, CA. 92841, 714-898-8121, FAX: 714-893-2570
L IN F INITY M ICROELECTRONICS I NC .
IMPORTANT: For the most current data, consult LinFinity's web site: http://www.linfinity.com.


Similar Part No. - LX8587

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587-XXCDD MICROSEMI-LX8587-XXCDD Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587-XXCDD MICROSEMI-LX8587-XXCDD Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587-XXCDD-TR MICROSEMI-LX8587-XXCDD-TR Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587-XXCDT MICROSEMI-LX8587-XXCDT Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587-XXCDT MICROSEMI-LX8587-XXCDT Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8587

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com