Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8587A-33CDD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8587A-33CDD
Description  3A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8587A-33CDD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8587A-33CDD Datasheet HTML 1Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 2Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 3Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 4Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 5Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 6Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 7Page - Microsemi Corporation LX8587A-33CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3A L OW D ROPOUT P OSITIVE R EGULATORS
LX8587-xx/8587A-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1998
Rev. 1.2
3/98
4
P RODUCTION D ATA S HEET
ELECTRICAL CHARACTERISTICS
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3. These parameters, although guaranteed, are not tested in production.
Parameter
Symbol
Test Conditions
Units
LX8587-33/87A-33
Min.
Typ.
Max.
Output Voltage
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 3A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation (Note 3)
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 3A
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8587-33
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
LX8587A-33
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.3
3.333
V
3.235
3.3
3.365
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
60
75
dB
410
mA
1.1
1.3
V
1
1.2
V
3.0
5.0
A
0.25
%
0.3
1
%
0.003
%
LX8587-33/87A-33 (3.3V Fixed)


Similar Part No. - LX8587A-33CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD MICROSEMI-LX8587A-XXCDD Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDD-TR MICROSEMI-LX8587A-XXCDD-TR Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
LX8587A-XXCDT MICROSEMI-LX8587A-XXCDT Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
More results

Similar Description - LX8587A-33CDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8385A-00CDD MICROSEMI-LX8385A-00CDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X-XX MICROSEMI-LX8587X-XX Datasheet
289Kb / 11P
   3A Low Dropout Positive Regulators
logo
Texas Instruments
LM1085IT-5.0 TI1-LM1085IT-5.0 Datasheet
2Mb / 22P
[Old version datasheet]   LM1085 3A Low Dropout Positive Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com