Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V15PM10 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # V15PM10
Description  High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V15PM10 Datasheet(HTML) 1 Page - Vishay Siliconix

  V15PM10_15 Datasheet HTML 1Page - Vishay Siliconix V15PM10_15 Datasheet HTML 2Page - Vishay Siliconix V15PM10_15 Datasheet HTML 3Page - Vishay Siliconix V15PM10_15 Datasheet HTML 4Page - Vishay Siliconix V15PM10_15 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
V15PM10
www.vishay.com
Vishay General Semiconductor
Revision: 03-Jul-15
1
Document Number: 87624
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount
Trench MOS Barrier Schottky Rectifier
Ultra Low VF = 0.45 V at IF = 5 A
FEATURES
• Very low profile - typical height of 1.1 mm
• Ideal for automated placement
• Trench MOS Schottky technology
• Low forward voltage drop, low power losses
• High efficiency operation
• Meets
MSL
level
1,
per
J-STD-020,
LF maximum peak of 260 °C
• AEC-Q101 qualified available
- Automotive ordering code; base P/NHM3
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications.
MECHANICAL DATA
Case:
TO-277A (SMPC)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant
and
AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 and HM3 suffix meets JESD 201 class 2 whisker test
Notes
(1) Mounted on 30 mm x 30 mm pad areas aluminum PCB
(2) Free air, mounted on recommended pad area
PRIMARY CHARACTERISTICS
IF(AV)
15 A
VRRM
100 V
IFSM
220 A
VF at IF = 15 A (125 °C)
0.61 V
TJ max.
150 °C
Package
TO-277A (SMPC)
Diode variations
Single die
K
2
1
TO-277A (SMPC)
TMBS® eSMP® Series
Anode 1
Anode 2
Cathode
K
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
V15PM10
UNIT
Device marking code
15M10
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum DC forward current
IF(AV) (1)
15
A
IF(AV) (2)
4
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
220
A
Operating junction and storage temperature range
TJ, TSTG
-40 to +150
°C


Similar Part No. - V15PM10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V15PM10-M3/H VISHAY-V15PM10-M3/H Datasheet
110Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 29-Jan-2019
V15PM10-M3/I VISHAY-V15PM10-M3/I Datasheet
110Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 29-Jan-2019
V15PM10HM3/H VISHAY-V15PM10HM3/H Datasheet
110Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 29-Jan-2019
V15PM10HM3/I VISHAY-V15PM10HM3/I Datasheet
110Kb / 5P
   High Current Density Surface-Mount TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.45 V at IF = 5 A
Revision: 29-Jan-2019
V15PM10 VISHAY-V15PM10_V01 Datasheet
111Kb / 5P
   High Current Density Surface-Mount TMBS짰 (Trench MOS Barrier Schottky) Rectifier
01-Jan-2022
More results

Similar Description - V15PM10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V8P10 VISHAY-V8P10 Datasheet
90Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 26-Jun-07
V15P45 VISHAY-V15P45 Datasheet
91Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 19-Apr-11
V10P12-M386A VISHAY-V10P12-M386A Datasheet
109Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 25-Jul-12
V20PW12C VISHAY-V20PW12C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW45C VISHAY-V20PW45C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10 VISHAY-V20PW10 Datasheet
120Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW10C VISHAY-V20PW10C Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V20PW12 VISHAY-V20PW12 Datasheet
119Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 01-Jun-17
V10P20 VISHAY-V10P20_15 Datasheet
82Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 15-Aug-13
V10P45-M3 VISHAY-V10P45-M3_15 Datasheet
84Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
V10PN50-M3 VISHAY-V10PN50-M3_15 Datasheet
85Kb / 5P
   High Current Density Surface Mount Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com