Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8384A-15CDD Datasheet(PDF) 4 Page - Microsemi Corporation

Part # LX8384A-15CDD
Description  5A LOW DROPOUT POSITIVE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8384A-15CDD Datasheet(HTML) 4 Page - Microsemi Corporation

  LX8384A-15CDD Datasheet HTML 1Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 2Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 3Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 4Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 5Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 6Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 7Page - Microsemi Corporation LX8384A-15CDD Datasheet HTML 8Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5A L OW D ROPOUT P OSITIVE R EGULATORS
LX8384-xx/8384A-xx/8384B-xx
PRODUCT DA T ABOOK 1996/1997
Copyright © 1997
Rev. 1.9
12/97
4
P RODUCTION D ATA
S HEET
ELECTRICAL CHARACTERISTICS
(Continued)
Parameter
Symbol
Test Conditions
Units
LX8384/84A/84B-33
Min.
Typ.
Max.
Output Voltage
LX8384/84A-33
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
(Note 4)
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 5A, P ≤ PMAX
LX8384B-33
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 5A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 5A
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8384-33
∆V
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
LX8384A/84B-33
∆V
OUT = 1%, IOUT ≤ IOUT (MAX)
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.30
3.333
V
3.235
3.30
3.365
V
3.274
3.30
3.326
V
3.267
3.30
3.333
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
60
83
dB
410
mA
1.2
1.5
V
1
1.3
V
56
A
0.25
%
0.3
1
%
0.003
%
LX8384-33 / 8384A-33 / 8384B-33 (3.3V Fixed)


Similar Part No. - LX8384A-15CDD

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8384A-XXCDD MICROSEMI-LX8384A-XXCDD Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDD MICROSEMI-LX8384A-XXCDD Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDD-TR MICROSEMI-LX8384A-XXCDD-TR Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDT MICROSEMI-LX8384A-XXCDT Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384A-XXCDT MICROSEMI-LX8384A-XXCDT Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
More results

Similar Description - LX8384A-15CDD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1084 NSC-LM1084 Datasheet
750Kb / 13P
   5A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX Datasheet
142Kb / 11P
   5A Low Dropout Positive Regulators
LX8384-00CDD MICROSEMI-LX8384-00CDD Datasheet
149Kb / 11P
   5A Low Dropout Positive Regulators
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8554-XX MICROSEMI-LX8554-XX Datasheet
198Kb / 7P
   5A EXTREMELY LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1084 TI1-LM1084 Datasheet
2Mb / 22P
[Old version datasheet]   LM1084 5A Low Dropout Positive Regulators
logo
Linear Technology
LT1085IT-12 LINER-LT1085IT-12 Datasheet
187Kb / 12P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
LT1083 LINER-LT1083_15 Datasheet
291Kb / 22P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
logo
Linear Integrated Syste...
LT1083 LINEAR-LT1083_1 Datasheet
142Kb / 12P
   3A, 5A, 7.5A Low Dropout Positive Fixed Regulators
logo
Linear Technology
LT1083 LINER-LT1083_05 Datasheet
203Kb / 16P
   7.5A, 5A, 3A Low Dropout Positive Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com