Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QS7785PF Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # QS7785PF
Description  3D 2/4-Channel Stereo Surround Synthesizer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

QS7785PF Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button QS7785PF Datasheet HTML 3Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 4Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 5Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 6Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 7Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 8Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 9Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 10Page - Nippon Precision Circuits Inc QS7785PF Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
QS7785PF/CF
NIPPON PRECISION CIRCUITS—7
Serial Interface Timing
3-wire (QS7785PF) timing
I2C 2-wire (QS7785CF) timing
SCL hold time (I2C)
tHD:STA
QS7785CF
4.0
µs
SCL setup time (I2C)
tSU:STO
QS7785CF
4.0
µs
SDA hold time (I2C)
tHD:DAT
QS7785CF
5.0
µs
SDA setup time (I2C)
tSU:DAT
QS7785CF
250
ns
SCL clock HIGH-level pulsewidth
(I2C)
tHIGH
QS7785CF
4.0
µs
SCL clock LOW-level pulsewidth (I2C)
tLOW
QS7785CF
4.7
µs
SCL rise time (I2C)
tr
QS7785CF
1000
ns
SCL fall time (I2C)
tf
QS7785CF
300
ns
Pin
Description
SDA
Data signal. Sets mode settings. See “Operating Modes.”
SCL
Clock signal. Data is read on the rising edge.
STRB
Strobe signal. Mode switches occur on the rising edge of this signal.
Pin
Description
SDA
Data signal. Sets slave address and mode settings. Address value, {1011011}, is shown in the figure above. See “Operating Modes.”
SCL
Clock signal. Data is read on the rising edge.
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
SCL
BYP
SP
MONO
AC
STRB
SDA
3
t
4
t
7
t
6
t
1
t
0
t
2
t
SUR
BASS
MUTE
PSAVE
5
t
SCL
BYP
SP
SDA
MONO
AD0
AD6
f
t
r
t
HD:STA
t
SU:STO
t
I C address is {AD6
− AD0} = {1011011}
2
SUR
HIGH
t
LOW
t
SU:DAT
t
HD:DAT
t
AC
BASS
MUTE
PSAVE


Similar Part No. - QS7785PF

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
QS7777 NPC-QS7777 Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777CF NPC-QS7777CF Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7777PF NPC-QS7777PF Datasheet
164Kb / 11P
   QSurround 3D Virtual Audio Processor for Dolby AC-3 and ProLogic
QS7779CM NPC-QS7779CM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
More results

Similar Description - QS7785PF

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2701 NJRC-NJM2701 Datasheet
212Kb / 11P
   3D SURROUND AUDIO PROCESSOR
NJM2702 NJRC-NJM2702 Datasheet
152Kb / 10P
   3D SURROUND AUDIO PROCESSOR
logo
Nippon Precision Circui...
QS7779PM NPC-QS7779PM Datasheet
114Kb / 11P
   3D Stereo Enhancement and 3D Virtual Stereo Surround with Dolby Pro Logic and Mixed DVD (AC-3) Decoder
logo
New Japan Radio
NJM2199 NJRC-NJM2199 Datasheet
63Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Sony Corporation
CXA1673M SONY-CXA1673M Datasheet
133Kb / 8P
   2 CHANNEL SURROUND
logo
New Japan Radio
NJM2179 NJRC-NJM2179 Datasheet
219Kb / 8P
   SRS 3D SURROUND AUDIO PROCESSOR?
NJM2178 NJRC-NJM2178 Datasheet
288Kb / 10P
   SRS 3D SURROUND AUDIO PROCESSOR
NJM2190 NJRC-NJM2190 Datasheet
327Kb / 13P
   SRS Headphone 3D SURROUND PROCESSOR
NJM2198 NJRC-NJM2198 Datasheet
84Kb / 13P
   SRS 3D SURROUND AUDIO PROCESSOR
logo
Sanyo Semicon Device
LA2615 SANYO-LA2615 Datasheet
46Kb / 7P
   Analog Surround IC Featuring the AViSSTM 3D Surround Algorithm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com