Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NR8576BB Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # NR8576BB
Description  Real-time Clock Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

NR8576BB Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button NR8576BB Datasheet HTML 2Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 3Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 4Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 5Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 6Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 7Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 8Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 9Page - Nippon Precision Circuits Inc NR8576BB Datasheet HTML 10Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
NR8576 Series
NIPPON PRECISION CIRCUITS—9
Data Read
Data is output when WR is LOW and CE is HIGH.
Time and calendar data is loaded into shift registers
on the first rising edge of the clock CLK, and the sec-
onds’ digit LSB is output on DATA.
The data is then loaded and shifted in the sequence
second, minute, hour, week, day, and month on the
rising edge of CLK, and output on DATA. The output
data is valid after 52 rising edges of the clock; data
input after 52 cycles does not alter the first 52 bits of
valid data.
WR
CE
CLK
DATA
S1
second
year
FDT
S40
S20
S10
S8
S4
S2
y80
y40
y20
y10
y8
1
2
3
52
53
54
54+n
OUTPUT MODE
NON CHANGE
OUTPUT DATA
Within the 52 cycles of valid data, data already input
can be output if there is a falling edge of CE after the
corresponding number of cycles. For example, the
data comprising the second-to-week is output is CE
goes LOW after 28 clock cycles.
For continuous data reads, a wait time (tRCV) is
required before the next data cycle if CE has gone
LOW.
Note that if an update operation (a 1 s carry) occurs
during a data read, an error of
−1 s in the read data is
generated.
The data read time should be completed after
tCE ≤ 0.9 s.


Similar Part No. - NR8576BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576BB NPC-NR8576BB Datasheet
105Kb / 11P
   Real-time Clock Modules
More results

Similar Description - NR8576BB

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
NR8576 NPC-NR8576 Datasheet
105Kb / 11P
   Real-time Clock Modules
logo
Dallas Semiconductor
DS1285 DALLAS-DS1285 Datasheet
21Kb / 1P
   Real Time Clock
logo
Toshiba Semiconductor
TC8521AP TOSHIBA-TC8521AP Datasheet
863Kb / 25P
   REAL TIME CLOCK ?
logo
RICOH electronics devic...
RP5C15 RICOH-RP5C15 Datasheet
137Kb / 12P
   REAL-TIME CLOCK
logo
Epson ToYoCom
RTC-63421 EPSONTOYOCOM-RTC-63421 Datasheet
413Kb / 2P
   Real time clock
logo
Golledge Electronics Lt...
RV8564C3 GOLLEDGE-RV8564C3 Datasheet
128Kb / 1P
   Real Time Clock
RV8564C2 GOLLEDGE-RV8564C2 Datasheet
62Kb / 1P
   Real Time clock
logo
List of Unclassifed Man...
VT82887 ETC1-VT82887 Datasheet
81Kb / 17P
   Real Time Clock
logo
Dallas Semiconductor
DS1287A DALLAS-DS1287A Datasheet
17Kb / 1P
   Real Time Clock
logo
Epson ToYoCom
RTC-65271 EPSONTOYOCOM-RTC-65271 Datasheet
385Kb / 2P
   Real time clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com