Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8584B-33CP Datasheet(PDF) 3 Page - Microsemi Corporation

Part # LX8584B-33CP
Description  7 A LOW DROPOUT POSITIVE REGULATORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8584B-33CP Datasheet(HTML) 3 Page - Microsemi Corporation

  LX8584B-33CP Datasheet HTML 1Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 2Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 3Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 4Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 5Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 6Page - Microsemi Corporation LX8584B-33CP Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
7A L OW D ROPOUT P OSITIVE R EGULA TORS
LX8584-xx/8584A-xx/8584B-xx
PRODUCT DA T ABOOK 1996/1997
3
Copyright © 1997
Rev. 1.2
4/97
P RODUCTION D AT A S HEET
Reference Voltage
LX8584/84A-00
V
REF
I
OUT = 10mA,
T
A = 25°C
10mA
≤ I
OUT ≤ 7A, 1.5V ≤ (VIN - VOUT), VIN ≤ 7V, P ≤ PMAX
LX8584B-00
I
OUT = 10mA,
T
A = 25°C
10mA
≤ I
OUT ≤ 7A, 1.5V ≤ (VIN - VOUT), VIN ≤ 7V, P ≤ PMAX
Line Regulation (Note 2)
∆V
REF (V IN)
I
OUT = 10mA, 1.5V ≤ (VIN - VOUT ), VIN ≤ 7V
Load Regulation (Note 2)
∆V
REF (IOUT)
V
IN - V OUT = 3V, 10mA ≤ IOUT ≤ 7A
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
V
OUT =
3.3V, f =120Hz, C
OUT = 100µf
Tantalum, V
IN = 5V
C
ADJ = 10µF, I OUT = 7A
Adjust Pin Current
I
ADJ
Adjust Pin Current Change
∆I
ADJ
10mA
≤ I
OUT ≤ 7A, 1.5V ≤ (VIN - VOUT), VIN ≤ 7V
Dropout Voltage
LX8584A
∆V
∆V
REF = 1%, IOUT = 7A
LX8584/84B
∆V
REF = 1%, IOUT = 7A
LX8584/84B
∆V
REF = 1%, IOUT = 6A
Minimum Load Current
I
OUT(MIN)
V
IN ≤ 7V
Maximum Output Current
I
OUT (MAX)
1.4V
≤ (V
IN - VOUT), VIN ≤ 7V
Temperature Stability
∆V
OUT (T)
Long Term Stability
∆V
OUT (t)
T
A = 125°C, 1000 hrs
RMS Output Noise (% of V
OUT)VOUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, these specifications apply over the operating ambient temperatures for the LX8584-xxC/84A-xxC/84B-xxC with 0°C
≤ T
A ≤ 125°C;
V
IN - VOUT = 3V; IOUT = 7A. Low duty cycle pulse testing techniques are used which maintains junction and case temperatures equal to the ambient temperature.)
Parameter
Symbol
Test Conditions
Units
LX8584/84A/84B-00
Min.
Typ.
Max.
1.238
1.250
1.263
V
1.225
1.250
1.275
V
1.240
1.250
1.260
V
1.238
1.250
1.263
V
0.035
0.2
%
0.1
0.5
%
0.01
0.02
%/W
65
83
dB
55
100
µA
0.2
5
µA
1.1
1.2
V
1.2
1.4
V
1.1
1.3
V
210
mA
78
A
0.25
%
0.3
1
%
0.003
%
Note 2. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 3. These parameters, although guaranteed, are not tested in production.
Parameter
Symbol
Test Conditions
Units
LX8584/84A/84B-33
Min.
Typ.
Max.
Output Voltage
LX8584/84A-33
V
OUT
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 7A, P ≤ PMAX
LX8584B-33
V
IN = 5V, IOUT = 0mA, TA = 25°C
4.75V
≤ V
IN
10V, 0mA
≤ I
OUT ≤ 7A, P ≤ PMAX
Line Regulation (Note 2)
∆V
OUT
4.75V
≤ V
IN ≤ 7V
(V
IN )
4.75V
≤ V
IN ≤ 10V
Load Regulation (Note 2)
∆V
OUT (IOUT)
V
IN = 5V, 0mA ≤ IOUT ≤ IOUT (MAX)
Thermal Regulation
∆V
OUT(Pwr)
T
A = 25°C, 20ms pulse
Ripple Rejection (Note 3)
C
OUT = 100µF (Tantalum), IOUT = 7.5V
Quiescent Current
I
Q
0mA
≤ I
OUT ≤ IOUT (MAX) , 4.75V ≤ VIN ≤ 10V
Dropout Voltage
LX8584-xx
∆V
∆V
OUT = 1%, IOUT = IOUT (MAX)
LX8584A-xx
∆V
OUT = 1%, IOUT = IOUT (MAX)
LX8584B-xx
∆V
OUT = 1%, IOUT = IOUT (MAX)
Maximum Output Current
I
OUT (MAX)
V
IN ≤ 7V
Temperature Stability (Note 3)
∆V
OUT (T)
Long Term Stability (Note 3)
∆V
OUT (t)
T
A = 125°C, 1000 hours
RMS Output Noise (% of V
OUT) (Note 3)
V
OUT (RMS)
T
A = 25°C, 10Hz ≤ f ≤ 10kHz
3.267
3.30
3.333
V
3.234
3.30
3.366
V
3.274
3.30
3.326
V
3.267
3.30
3.333
V
16
mV
210
mV
515
mV
0.01
0.02
% / W
60
83
dB
410
mA
1.4
V
1.2
V
1.4
V
`7
8
A
0.25
%
0.3
1
%
0.003
%
LX8584-00/84A-00/84B-00 (Adjustable)
LX8584-33/84A-33/84B-33 (3.3V Fixed)


Similar Part No. - LX8584B-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8584B-14CP MICROSEMI-LX8584B-14CP Datasheet
271Kb / 9P
   7A Low Dropout Positive Regualtors
More results

Similar Description - LX8584B-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
[Old version datasheet]   LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
Microsemi Corporation
LX8384X-XX MICROSEMI-LX8384X-XX_06 Datasheet
289Kb / 11P
   5A Low Dropout Positive Regulators
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
   4.6A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com