Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LX8630-33CP Datasheet(PDF) 9 Page - Microsemi Corporation

Part # LX8630-33CP
Description  3A BiCMOS Very Low Dropout Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX8630-33CP Datasheet(HTML) 9 Page - Microsemi Corporation

  LX8630-33CP Datasheet HTML 1Page - Microsemi Corporation LX8630-33CP Datasheet HTML 2Page - Microsemi Corporation LX8630-33CP Datasheet HTML 3Page - Microsemi Corporation LX8630-33CP Datasheet HTML 4Page - Microsemi Corporation LX8630-33CP Datasheet HTML 5Page - Microsemi Corporation LX8630-33CP Datasheet HTML 6Page - Microsemi Corporation LX8630-33CP Datasheet HTML 7Page - Microsemi Corporation LX8630-33CP Datasheet HTML 8Page - Microsemi Corporation LX8630-33CP Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Microsemi
Linfinity Microelectronics Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 9
Copyright
© 2000
Rev. 1.0a,2000-11-28
LX8630-xx
3A BiCMOS Very Low Dropout Regulators
PRODUCTION DATA SHEET
A
M I CROS E M I
COM P A N Y



PRODUCTION DATA – Information contained in this document is proprietary to LinFinity and
is current as of publication date. This document may not be modified in any way without the
express written consent of LinFinity. Product processing does not necessarily include testing of
all parameters. LinFinity reserves the right to change the configuration and performance of the
product and to discontinue product at any time.


Similar Part No. - LX8630-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8610-00CDM MICROSEMI-LX8610-00CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-25CDM MICROSEMI-LX8610-25CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-25CST MICROSEMI-LX8610-25CST Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-33CDM MICROSEMI-LX8610-33CDM Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
LX8610-33CST MICROSEMI-LX8610-33CST Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
More results

Similar Description - LX8630-33CP

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8610-XX MICROSEMI-LX8610-XX Datasheet
90Kb / 6P
   1A BiCMOS Very Low Dropout Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503 Datasheet
76Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8587-XX MICROSEMI-LX8587-XX Datasheet
211Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Linear Technology
LT1581 LINER-LT1581_15 Datasheet
241Kb / 12P
   10A, Very Low Dropout Regulators
logo
List of Unclassifed Man...
LA8385 ETC1-LA8385 Datasheet
233Kb / 8P
   3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00CDD MICROSEMI-LX8385-00CDD Datasheet
285Kb / 11P
   3A Low Dropout Positive Regulators
logo
Advanced Monolithic Sys...
AMS1503 ADMOS-AMS1503_05 Datasheet
178Kb / 9P
   3A LOW DROPOUT VOLTAGE REGULATORS
logo
Microsemi Corporation
LX8385X-XX MICROSEMI-LX8385X-XX Datasheet
280Kb / 11P
   3A Low Dropout Positive Regulators
LX8587X MICROSEMI-LX8587X Datasheet
283Kb / 11P
   3A Low Dropout Positive Regulators
logo
National Semiconductor ...
LM1085 NSC-LM1085 Datasheet
744Kb / 13P
   3A Low Dropout Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com