Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ENA2199 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ENA2199
Description  8M-bit (1024K x 8) Serial Flash Memory
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ENA2199 Datasheet(HTML) 2 Page - ON Semiconductor

  ENA2199 Datasheet HTML 1Page - ON Semiconductor ENA2199 Datasheet HTML 2Page - ON Semiconductor ENA2199 Datasheet HTML 3Page - ON Semiconductor ENA2199 Datasheet HTML 4Page - ON Semiconductor ENA2199 Datasheet HTML 5Page - ON Semiconductor ENA2199 Datasheet HTML 6Page - ON Semiconductor ENA2199 Datasheet HTML 7Page - ON Semiconductor ENA2199 Datasheet HTML 8Page - ON Semiconductor ENA2199 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
LE25U81AQE
No.A2199-2/22
Figure 2 Block Diagram
Table 1 Pin Description
Symbol
Pin Name
Description
SCK
Serial clock
This pin controls the data input/output timing.
The input data and addresses are latched synchronized to the rising edge of the serial clock, and the data is
output synchronized to the falling edge of the serial clock.
SI/SIO0
Serial data input
/ Serial data input output
The data and addresses are input from this pin, and latched internally synchronized to the rising edge of the
serial clock. It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O.
SO/SIO1
Serial data input
/ Serial data input output
The data stored inside the device is output from this pin synchronized to the falling edge of the serial clock.
It changes into the output pin at Dual Output and it changes into the input output pin at Dual I/O.
CS
Chip select
The device becomes active when the logic level of this pin is low; it is deselected and placed in standby
status when the logic level of the pin is high.
WP
Write protect
The status register write protect (SRWP) takes effect when the logic level of this pin is low.
HOLD
Hold
Serial communication is suspended when the logic level of this pin is low.
VDD
Power supply
This pin supplies the 2.3 to 2.7V supply voltage.
VSS
Ground
This pin supplies the 0V supply voltage.
8M Bit
Flash EEPROM
Cell Array
Y-DECODER
I/O BUFFERS
&
DATA LATCHES
CS
SCK
SI/SIO0
HOLD
WP
SO/SIO1
X-
DECODER
ADDRESS
BUFFERS
&
LATCHES
SERIAL INTERFACE
CONTROL
LOGIC


Similar Part No. - ENA2199

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2190 ONSEMI-ENA2190 Datasheet
76Kb / 4P
   AF(Auto Focus) Control LSI
June, 2013 Ver.1.3
ENA2197 ONSEMI-ENA2197 Datasheet
327Kb / 35P
   8-bit Microcontroller
July, 2013 ver.1.02
More results

Similar Description - ENA2199

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA2287 ONSEMI-ENA2287 Datasheet
173Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 2.12
ENA2286 ONSEMI-ENA2286 Datasheet
172Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
March, 2014 Ver. 1.62
ENA2261 ONSEMI-ENA2261 Datasheet
203Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2260 ONSEMI-ENA2260 Datasheet
159Kb / 23P
   8M-bit (1024K x 8) Serial Flash Memory
December, 2013
ENA2262A ONSEMI-ENA2262A Datasheet
161Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
April, 2014
ENA2269 ONSEMI-ENA2269 Datasheet
150Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
ENA2263 ONSEMI-ENA2263 Datasheet
160Kb / 23P
   8M-bit (1024K ??8) Serial Flash Memory
December, 2013
logo
Macronix International
MX29F080 MCNIX-MX29F080 Datasheet
664Kb / 38P
   8M-BIT [1024K x 8] CMOS EQUAL SECTOR FLASH MEMORY
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
PN25F08 ETC2-PN25F08 Datasheet
1Mb / 59P
   8M-BIT SERIAL FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com